Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69L736AZP9.5 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCM69L736AZP9.5
Description  4M Late Write HSTL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69L736AZP9.5 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MCM69L736AZP9.5 Datasheet HTML 2Page - Motorola, Inc MCM69L736AZP9.5 Datasheet HTML 3Page - Motorola, Inc MCM69L736AZP9.5 Datasheet HTML 4Page - Motorola, Inc MCM69L736AZP9.5 Datasheet HTML 5Page - Motorola, Inc MCM69L736AZP9.5 Datasheet HTML 6Page - Motorola, Inc MCM69L736AZP9.5 Datasheet HTML 7Page - Motorola, Inc MCM69L736AZP9.5 Datasheet HTML 8Page - Motorola, Inc MCM69L736AZP9.5 Datasheet HTML 9Page - Motorola, Inc MCM69L736AZP9.5 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MCM69L736A
•MCM69L818A
6
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(0
_C ≤ TA ≤ 70_C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS (See Notes 1 through 4)
Parameter
Symbol
Min
Typical
–7.5
Typical
–8.5
Typical
–9.5
Typical
–10.5
Max
Unit
Notes
Input Reference DC Voltage
Vref (dc)
0.6
1.1
V
11
Core Power Supply Voltage
VDD
3.15
3.6
V
Output Driver Supply Voltage
VDDQ
1.4
1.6
V
Active Power Supply Current
(x18)
(x36)
IDD1
300
390
290
380
270
360
260
350
450
560
mA
5
Quiescent Active Power Supply Current)
IDD2
190
190
190
190
250
mA
6, 10
Active Standby Power Supply Current
ISB1
160
160
160
160
250
mA
7
Quiescent Standby Power Supply Current
ISB2
140
140
140
140
230
mA
8, 10
Sleep Mode Power Supply Current
ISB3
TBD
TBD
TBD
TBD
TBD
mA
9, 10
NOTES:
1. All data sheet parameters specified to full range of VDD unless otherwise noted. All voltages are referenced to voltage applied to VSS bumps.
2. Supply voltage applied to VDD connections.
3. Supply voltage applied to VDDQ connections.
4. All power supply currents measured with outputs open or deselected.
5. VDD = VDD (max), tKHKH = tKHKH (min), SS registered active, 50% read cycles.
6. VDD = VDD (max), tKHKH = dc, SS registered active.
7. VDD = VDD (max), tKHKH = tKHKH (min), SS registered inactive.
8. VDD = VDD (max), tKHKH = dc, SS registered inactive, ZZ low.
9. VDD = VDD (Max), tKHKH = dc, registered inactive, ZZ high.
10. 200 mV
≥ Vin ≥ VDDQ – 200 mV.
11. Although considerable latitude in the selection of the nominal dc value (i.e., rms value) of Vref is supported, the peak to peak ac component
superimposed on Vref may not exceed 5% of the dc component of Vref.
DC INPUT CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Notes
DC Input Logic High
VIH (dc)
Vref + 0.1
VDD + 0.3
V
DC Input Logic Low
VIL (dc)
– 0.3
Vref – 0.1
V
1
Input Reference DC Voltage
Vref (dc)
0.6
1.1
V
2
Input Leakage Current
Ilkg(1)
± 5
µA
3
Clock Input Signal Voltage
Vin
– 0.3
VDD + 0.3
V
Clock Input Differential Voltage
VDIF (dc)
0.1
VDD + 0.6
V
4
Clock Input Common Mode Voltage Range (See Figure 3)
VCM (dc)
0.68
1.1
V
5
Clock Input Crossing Point Voltage Range
VX
0.68
1.1
V
NOTES:
1. Inputs may undershoot to – 0.5 V (peak) for up to 20% tKHKH (e.g., 2 ns at a clock cycle time of 10 ns).
2. Although considerable latitude in the selection of the nominal dc value (i.e., rms value) of Vref is supported, the peak–to–peak ac component
superimposed on Vref may not exceed 5% of the dc component of Vref.
3. 0 V
≤ Vin ≤ VDDQ for all pins.
4. Minimum instantaneous differential input voltage required for differential input clock operation.
5. Maximum rejectable common mode input voltage variation.


Similar Part No. - MCM69L736AZP9.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69L735 MOTOROLA-MCM69L735 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69L735ZP6 MOTOROLA-MCM69L735ZP6 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69L735ZP6.5 MOTOROLA-MCM69L735ZP6.5 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69L735ZP6.5R MOTOROLA-MCM69L735ZP6.5R Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69L735ZP6R MOTOROLA-MCM69L735ZP6R Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69L736AZP9.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R736C MOTOROLA-MCM69R736C Datasheet
520Kb / 20P
   4M Late Write HSTL
MCM63R836A MOTOROLA-MCM63R836A Datasheet
385Kb / 21P
   8M Late Write HSTL
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
logo
GSI Technology
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
logo
NEC
UPD4443362 NEC-UPD4443362 Datasheet
113Kb / 16P
   4M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com