Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2954M3-3.3 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX2954M3-3.3
Description  250 mA Low Drop Out Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2954M3-3.3 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX2954M3-3.3 Datasheet HTML 1Page - Sipex Corporation SPX2954M3-3.3 Datasheet HTML 2Page - Sipex Corporation SPX2954M3-3.3 Datasheet HTML 3Page - Sipex Corporation SPX2954M3-3.3 Datasheet HTML 4Page - Sipex Corporation SPX2954M3-3.3 Datasheet HTML 5Page - Sipex Corporation SPX2954M3-3.3 Datasheet HTML 6Page - Sipex Corporation SPX2954M3-3.3 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Rev. 3/6/03
SP2954 250mA Low Dropout Voltage Regulator
© Copyright 2003 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
Comparator Sink Current
2.5
1.5
OUTPUT LOW VOLTAGE (V)
2.0
1.0
0.5
0.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
0.9
T
A = -55ºC
T
A = 25ºC
T
A = 125ºC
Line Transient Response
TIME(
µs)
100
0
200
400
600
800
4V
6V
8V
-50
0
50
~
~
mV
mV
mV
C
L = 1µF
I
L = 1mA
V
OUT = 5V
Error Comparator Output
8
6
0
INPUT VOLTAGE (V)
4
2
0
-2
12
3
4
5
V
OUT = 5V
PULLUP RESISTOR TO
SEPARATE 5V SUPPLY
HYSTERESIS
Output Impedance
10
0.5
0.1
0.02
10
100
1K
10K
100K
1M
FREQUENCY (Hz)
5
0.2
0.05
0.01
1
2
I
O = 100mA
I
O = 100µA
I
O = 1mA
V
OUT = 5V
C
L = 1µF
Ripple Rejection
90
70
60
40
10 1
10 2
10 3
10 4
10 5
10 6
FREQUENCY (Hz)
80
50
20
30
I
L = 100µA
I
L = 0
C
L = 1µF
V
IN = 6V
V
OUT = 5V
Ripple Rejection
FREQUENCY (Hz)
10 6
10 3
10 2
10 1
90
80
70
60
50
20
40
30
10 4
10 5
I
L = 10mA
I
L = 1mA
C
L= 1µF
V
IN = 6V
V
OUT = 5V
Drop-Out Voltage
400
300
40
-75 -50 -25
0
25
50
75 100 125 150
TEMPERATURE (ºC)
500
200
0
I
L = 150mA
I
L = 100µA
~
~
Drop-Out Voltage
T
J = 25ºC
OUTPUT CURRENT
100mA
10mA
1mA
100
µA
500
400
300
200
100
0
Short Circuit Current
240
220
200
180
-75 -50 -25
0
25
50
75 100 125 150
TEMPERATURE (ºC)
230
210
190
170
20


Similar Part No. - SPX2954M3-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954M3-3.3 SIPEX-SPX2954M3-3.3 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
More results

Similar Description - SPX2954M3-3.3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Infineon Technologies A...
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
logo
ON Semiconductor
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com