Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF200-005 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # UF200-005
Description  20A ULTRA FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

UF200-005 Datasheet(HTML) 1 Page - Frontier Electronics.

  UF200-005 Datasheet HTML 1Page - Frontier Electronics. UF200-005 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF200-005 THRU UF200-06
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
20A ULTRA FAST RECOVERY RECTIFIER
UF200-005 THRU UF200-06
FEATURES
DUAL RECTIFIER CONSTRUCTION, POSITIVE CENTER TAP
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
GLASS PASSIVATED CHIP JUNCTIONS
SUPER FAST RECOVERY TIMES, HIGH VOLTAGE
LOW FORWARD VOLTAGE, HIGH CURRENT CAPABILITY
LOW THERMAL RESISTANCE
LOW POWER LOSS, HIGH EFFICIENCY
HIGH TEMPERATURE SOLDERING GUARANTEED:
260
°C / 0.17” (4.3mm) FROM CASE FOR 10 SECONDS
MECHANICAL DATA
CASE: JEDEC TO-3P MOLDED PLASTIC , DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: PLATED LEAD SOLDERABLE PER MIL-STD-
202, METHOD 208
POLARITY: AS MARKED
MOUNTING POSITION: ANY
WEIGHT: 6.4 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
UF200
-005
UF200
-01
UF200
-015
UF200
-02
UF200
-03
UF200
-04
UF200
-05
UF200
-06
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
150
200
300
400
500
600
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
105
140
210
280
350
420
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
150
200
300
400
500
600
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
SEE FIG.1
IO
20.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
250
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
65
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
RθjC
2.0
℃/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
UF200
-005
UF200
-01
UF200
-015
UF200
-02
UF200
-03
UF200
-04
UF200
-05
UF200
-06
UNITS
MAXIMUM FORWARD VOLTAGE AT 10A PER LEG
VF
1.0
1.3
1.5
V
MAXIMUM DC REVERSE CURRENT AT TA=25
°C
IR
10
μA
MAXIMUM DC REVERSE CURRENT AT TA=100
°C
IR
100
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 3)
TRR
35
50
nS
NOTES:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. THERMAL RESISTANCE JUNCTION TO CASE PER LEG MOUNTED ON HEAT SINK
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
MILLIMETERS
MIN
MAX
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
p
-
1.7
5.0
-
14.8
11.7
-
-
-
1.1
5.25
19.0
4.7
2.8
2.4
0.45
16.2
2.7
6.0
22.0
15.2
12.7
4.5
2.5
3.5
1.4
5.65
-
5.3
3.2
2.8
0.85
PIN 1
PIN 2
PIN 3
CASE
C
G
P
N
H
A
B
F E
D
K
L
M
o
1
23
3.4
±0.1


Similar Part No. - UF200-005

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
UF200-2C2A-2CDO-15 DGNJDZ-UF200-2C2A-2CDO-15 Datasheet
110Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - UF200-005

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
UFF200-005 FRONTIER-UFF200-005 Datasheet
131Kb / 2P
   20A ULTRA FAST RECOVERY RECTIFIER
logo
Formosa MS
UFF200-005 FORMOSA-UFF200-005 Datasheet
264Kb / 2P
   20A ULTRA FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
UFF200-005CT FRONTIER-UFF200-005CT Datasheet
131Kb / 2P
   20A DUAL ULTRA FAST RECOVERY RECTIFIER
UFF200-005CT-LFR FRONTIER-UFF200-005CT-LFR Datasheet
131Kb / 2P
   20A DUAL ULTRA FAST RECOVERY RECTIFIER
SFF200-03 FRONTIER-SFF200-03 Datasheet
130Kb / 2P
   20A SUPER FAST RECOVERY RECTIFIER
SFF200-03CT FRONTIER-SFF200-03CT Datasheet
130Kb / 2P
   20A DUAL SUPER FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
MURH2020 LUGUANG-MURH2020 Datasheet
1Mb / 4P
   Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
UF2060CT LUGUANG-UF2060CT Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
MUR2060FCT LUGUANG-MUR2060FCT Datasheet
1Mb / 4P
   Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20220701-P1
MUR2060CT LUGUANG-MUR2060CT Datasheet
1Mb / 4P
   Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com