Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF5400G-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # UF5400G-LFR
Description  3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

UF5400G-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  UF5400G-LFR Datasheet HTML 1Page - Frontier Electronics. UF5400G-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF5400G-LFR THRU UF5408G-LFR
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF5400G-LFR THRU UF5408G-LFR
FEATURES
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
ULTRA FAST RECOVERY TIMES FOR HIGH EFFICIENCY
LOW FORWARD VOLTAGE, HIGH CURRENT CAPABILITY
LOW LEAKAGE
HIGH SURGE CAPABILITY
HIGH TEMPERATURE SOLDERING GUARANTEED:
260°C/0.375” (9.5mm) LEAD LENGTHS FOR 10 SECONDS AT
5 LBS. (2.3 KG) TENSION.
GLASS PASSIVATED JUNCTION
ROHS
MECHANICAL DATA
CASE: JEDEC DO-201AD, MOLDED PLASTIC, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: AXIAL LEADS SOLDERABLE PER MIL-STD-202, METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE END
MOUNTING POSITION: ANY
WEIGHT: 1.2 GRAM
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
UF
5400G
-LFR
UF
5401G
-LFR
UF
5402G
-LFR
UF
5403G
-LFR
UF
5404G
-LFR
UF
5406G
-LFR
UF
5407G
-LFR
UF
5408G
-LFR
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
300
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
210
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
300
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
3.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
150
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
75
50
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθjc
20
℃/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
UF
5400G
-LFR
UF
5401G
-LFR
UF
5402G
-LFR
UF
5403G
-LFR
UF
5404G
-LFR
UF
5406G
-LFR
UF
5407G
-LFR
UF
5408G
-LFR
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
1.3
1.7
V
MAXIMUM DC REVERSE CURRENT AT TA=25
°C
IR
10
μA
MAXIMUM DC REVERSE CURRENT AT TA=100
°C
IR
10
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 3)
TRR
50
75
nS
NOTE:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 20x20x1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
.220(5.6)
.197(5.0)
1.0(25.4)
MIN
.052(1.3)
.048(1.2)


Similar Part No. - UF5400G-LFR

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF5400G-T3 WTE-UF5400G-T3 Datasheet
58Kb / 4P
   3.0A GLASS PASSIVATED ULTRAFAST DIODE
UF5400G-TB WTE-UF5400G-TB Datasheet
58Kb / 4P
   3.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - UF5400G-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FUF5400 FRONTIER-FUF5400 Datasheet
134Kb / 2P
   3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF5400G FRONTIER-UF5400G Datasheet
129Kb / 2P
   3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
FR301G FRONTIER-FR301G Datasheet
1Mb / 2P
   3A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR30-005G FRONTIER-FR30-005G Datasheet
124Kb / 2P
   3A FAST RECOVERY GLASS PASSIVATED RECTIFIER
SF30-005G FRONTIER-SF30-005G Datasheet
127Kb / 2P
   3A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
Comchip Technology
UF16C01C-G COMCHIP-UF16C01C-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
UF4002E YENYO-UF4002E Datasheet
646Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF8A01 YENYO-UF8A01 Datasheet
950Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01C YENYO-UF16C01C Datasheet
683Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01CF YENYO-UF16C01CF Datasheet
671Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com