Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF5403G-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # UF5403G-LFR
Description  3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

UF5403G-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  UF5403G-LFR Datasheet HTML 1Page - Frontier Electronics. UF5403G-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UF5400G-LFR THRU UF5408G-LFR
Page: 2
RATINGS AND CHARACTERISTIC CURVE UF5400G-LFR THRU UF5408G-LFR
6
5
4
3
2
1
0
25 50 75 100 125 150 175
AMBIENT TEMPERATURE (
oC)
FIG. 2 -TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase Half
Wave 60 Hz
Resistive or
Inductive Load
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
FIG. 5 -MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
300
200
100
0
1
10
100
1000
NUMBER OF CYCLES AT 60 Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
FIG. 6 -TYPICAL JUNCTION CAPACITANCE
.1
.2
.4
1.0
2
4
10
20
40
100
REVERSE VOLTAGE (V)
200
100
40
20
10
6
4
2
1
UF5400G-LF~5404G-LF
UF5406G-LF~5408G-LF
TJ=25
oC
FIG. 3 -TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
1000
100
10
1
0.1
TJ=25
oC
TJ=80
oC
TJ=125
oC
FIG. 4 -TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0
.2
.4
.6
.8
1.0 1.2 1.4 1.6 1.8
INSTANTANEOUS FORWARD VOLTAGE (V)
UF5406G-LF~5408G-LF
100
10
1
.1
.01
UF5400G-LF~5404G-LF
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
10
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS


Similar Part No. - UF5403G-LFR

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF5403G-T3 WTE-UF5403G-T3 Datasheet
58Kb / 4P
   3.0A GLASS PASSIVATED ULTRAFAST DIODE
UF5403G-TB WTE-UF5403G-TB Datasheet
58Kb / 4P
   3.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - UF5403G-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FUF5400 FRONTIER-FUF5400 Datasheet
134Kb / 2P
   3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF5400G FRONTIER-UF5400G Datasheet
129Kb / 2P
   3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
FR301G FRONTIER-FR301G Datasheet
1Mb / 2P
   3A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR30-005G FRONTIER-FR30-005G Datasheet
124Kb / 2P
   3A FAST RECOVERY GLASS PASSIVATED RECTIFIER
SF30-005G FRONTIER-SF30-005G Datasheet
127Kb / 2P
   3A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
Comchip Technology
UF16C01C-G COMCHIP-UF16C01C-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
UF4002E YENYO-UF4002E Datasheet
646Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF8A01 YENYO-UF8A01 Datasheet
950Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01C YENYO-UF16C01C Datasheet
683Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01CF YENYO-UF16C01CF Datasheet
671Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com