Electronic Components Datasheet Search |
|
UFF100-06CT Datasheet(PDF) 1 Page - Frontier Electronics. |
|
UFF100-06CT Datasheet(HTML) 1 Page - Frontier Electronics. |
1 / 2 page UFF100-005CT THRU UFF100-06CT Page: 1 Frontier Electronics Corp. 667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com 10A DUAL ULTRA FAST RECOVERY RECTIFIER UFF100-005CT THRU UFF100-06CT CASE: ITO-220AB (UFF100-XX), FULLY INSULATED PACKAGE FEATURES MECHANICAL DATA ULTRA FAST RECOVERY TIME CASE: TRANSFER MOLDED LOW FORWARD VOLTAGE TERMINAL: MIL-STD-202F METHOD 2026 LOW THERMAL RESISTANCE POLARITY: AS MARKED HIGH CURRENT CAPABILITY EPOXY: UL94V-0 FLAME RETARDANT MOLDING COMPOUND HIGH VOLTAGE MOUNTING POSITION: ANY GLASS PASSIVATED CHIP JUNCTION WEIGHT 2.05 GRAMS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25 °C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20% RATINGS SYMBOL UFF100 -005CT UFF100 -01CT UFF100 -015CT UFF100 -02CT UFF100 -03CT UFF100 -04CT UFF100 -05CT UFF100 -06CT UNITS MAXIMUM RECURRENT PEAK REVERSE VOLTAGE VRRM 50 100 150 200 300 400 500 600 V MAXIMUM RMS VOLTAGE VRMS 35 70 105 140 210 280 350 420 V MAXIMUM DC BLOCKING VOLTAGE VDC 50 100 150 200 300 400 500 600 V MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT SEE FIG.1 IO 10.0 A PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD IFSM 125 A TYPICAL JUNCTION CAPACITANCE (NOTE 1) CJ 85 60 PF TYPICAL THERMAL RESISTANCE (NOTE 2) Rθjc 2.2 ℃/W STORAGE TEMPERATURE RANGE TSTG - 55 TO + 150 ℃ OPERATING TEMPERATURE RANGE TOP - 55 TO + 150 ℃ ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED) CHARACTERISTICS SYMBOL UFF100 -005CT UFF100 -01CT UFF100 -015CT UFF100 -02CT UFF100 -03CT UFF100 -04CT UFF100 -05CT UFF100 -06CT UNITS MAXIMUM FORWARD VOLTAGE AT 5A PER LEG VF 1.10 1.30 1.50 V MAXIMUM DC REVERSE CURRENT AT TA=25 °C IR 10 μA MAXIMUM DC REVERSE CURRENT AT TA=100 °C IR 100 μA MAXIMUM REVERSE RECOVERY TIME (NOTE 3) TRR 35 50 nS NOTES: 1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS 2. THERMAL RESISTANCE JUNCTION TO CASE PER LEG MOUNTED ON HEAT SINK 3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A MILLIMETERS MIN MAX B C D E F G H I J K L M O 9.72 6.30 14.50 13.00 - 2.41 - - - - 2.5 - 10.27 6.90 15.50 13.80 4.1 2.67 1.52 0.9 4.8 3.1 2.9 0.8 Ø 3.4 C F H B D G E 1 2 3 O I PIN 1 PIN 3 PIN 2 CASE J M K L |
Similar Part No. - UFF100-06CT |
|
Similar Description - UFF100-06CT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |