Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23838-S5-N1-BB Datasheet(PDF) 3 Page - Frontier Electronics.

Part # V23838-S5-N1-BB
Description  Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

V23838-S5-N1-BB Datasheet(HTML) 3 Page - Frontier Electronics.

  V23838-S5-N1-BB Datasheet HTML 1Page - Frontier Electronics. V23838-S5-N1-BB Datasheet HTML 2Page - Frontier Electronics. V23838-S5-N1-BB Datasheet HTML 3Page - Frontier Electronics. V23838-S5-N1-BB Datasheet HTML 4Page - Frontier Electronics. V23838-S5-N1-BB Datasheet HTML 5Page - Frontier Electronics. V23838-S5-N1-BB Datasheet HTML 6Page - Frontier Electronics. V23838-S5-N1-BB Datasheet HTML 7Page - Frontier Electronics. V23838-S5-N1-BB Datasheet HTML 8Page - Frontier Electronics. V23838-S5-N1-BB Datasheet HTML 9Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
V23838-S5-N1, V23838-S5-N1-BB Product Specification – August 2003
© Finisar Corporation August 07, 2003 Rev. D
Page 3
SFP Cage Host Board Mechanical Layout
Figure 1
Single-sided Host Board Layout
Figure 2
Recommended Bezel Design
A
5
2)
2)
1)
2)
3)
26.8
41.3
42.3
34.5
PIN 1
2.5
2.5
7.1
7.2
2
11 PLACES
10
3 PLACES
CROSS-HATCHED AREA DENOTES
COMPONENT AND TRACE KEEP-OUT
(EXCEPT CHASSIS GROUND)
1) Datum and basic dimensions
established by customer
2) Pads and vias are chassis ground, 11 places
3) Thru holes, plating optional
THIS AREA DENOTES
COMPONENT KEEP-OUT
(TRACES ALLOWED)
10
3 PLACES
Y
⊕ ∅0.1 S X Y
∅0.85±0.05
⊕ ∅0.1 L X A S
∅1.05±0.1
10 HOLES
⊕ ∅0.1 L X A S
∅0.95±0.05
9 HOLES
Dimensions in mm
File: 1519
Y
Y
0.4
±0.1
BEZEL OPENING
BELOW PC BOARD
SECTION Y-Y
3.5
±0.3
1.7
±0.9
1)
16.25
±0.1
[.640]
15.25
±0.1
[.600]
1) MINIMUM PITCH ILLUSTRATED, ENGLISH DIMENSIONS ARE FOR REFERENCE ONLY
NOT RECOMMENDED FOR PCI EXPANSION CARD APPLICATIONS
Dimensions in mm [inches]
File: 1520


Similar Part No. - V23838-S5-N1-BB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23838-S5-N1-BB INFINEON-V23838-S5-N1-BB Datasheet
719Kb / 9P
   Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
2003-08-07
More results

Similar Description - V23838-S5-N1-BB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23838-S5-N1 INFINEON-V23838-S5-N1 Datasheet
719Kb / 9P
   Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
2003-08-07
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-15 JDSU-PL-KP2-00-000-15 Datasheet
615Kb / 9P
   Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-05 JDSU-PL-KP2-00-000-05 Datasheet
322Kb / 8P
   Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-06 JDSU-PL-KP2-00-000-06 Datasheet
783Kb / 9P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-04 JDSU-PL-KP2-00-000-04 Datasheet
420Kb / 10P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-26 JDSU-PL-KP2-00-000-26 Datasheet
376Kb / 6P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit PCI Compliant SFP Cage
logo
Tyco Electronics
114-13121 MACOM-114-13121 Datasheet
1Mb / 10P
   Small Form-Factor Pluggable (SFP) Ganged Press-Fit PT Connector and Cage Assembly
logo
Infineon Technologies A...
V23818-S5-B2 INFINEON-V23818-S5-B2 Datasheet
132Kb / 3P
   SFP - Small Form-factor Pluggable Cage Dust Plug
2003-05-09
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
Infineon Technologies A...
V23818-S5-B1 INFINEON-V23818-S5-B1 Datasheet
198Kb / 3P
   SFP - Small Form-factor Pluggable Cage EMI / Dust Plug
2003-05-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com