Selected language     English  ▼


W-08M Datasheet(PDF) 1 Page - Frontier Electronics.

Part No. W-08M
Description  1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FRONTIER [Frontier Electronics.]
Homepage  http://www.frontierusa.com
Logo 

   
 1 page
background image
W-005M THRU W-10M
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1.5A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
W-005M THRU W-10M
FEATURES
PLASTIC MATERIAL USED CARRIES UNDERWRITERS
LABORATORY FLAMMABILITY RECOGNITION 94V-0
HIGH CASE DIELECTRIC STRENGTH
TYPICAL IR LESS THAN 1
μA
HIGH OVERLOAD SURGE CAPABILITY
IDEAL FOR PRINTED CIRCUIT BOARD
MECHANICAL DATA
CASE: EPOXY CASE, DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS: LEADS SOLDERABLE PER MIL-STD-202
METHOD 208
MOUNTING POSITION: ANY
WEIGHT: 1.1 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD.
FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL W-005M W-01M
W-02M
W-04M
W-06M
W-08M
W-10M UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=25
°C
IO
1.5
A
PEAK FORWARD SURGE CURRENT SINGLE SINE-WAVE
SUPERIMPOSED ON RATED LOAD
IFSM
50
A
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 125
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL W-005M W-01M
W-02M
W-04M
W-06M
W-08M
W-10M UNITS
MAXIMUM INSTANTANEOUS FORWARD VOLTAGE DROP PER
ELEMENT AT 1.0A
VF
1.1
V
MAXIMUM REVERSE LEAKAGE AT RATED DC TA=25
IR
10
μA
MIN
1.0(25.4)
POS
LEAD
.032(0.81)
.028(0.71)
.366(9.3)
.350(8.9)
.220(5.6)
.200(5.1)
MIN
1.1(27.9)
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl