Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM55-C3V9-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # ZMM55-C3V9-LFR
Description  500mW MINI MELF ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

ZMM55-C3V9-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  ZMM55-C3V9-LFR Datasheet HTML 1Page - Frontier Electronics. ZMM55-C3V9-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZMM55-C2V4-LFR THRU ZMM55-C36-LFR
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR THRU ZMM55-C36-LFR
FEATURES
LOW COST
SMALL SIZE
GLASS SEALED
ROHS
MECHANICAL DATA
CASE: MINI MELF GLASS CASE, DO-213AA GL34,
DIMENSIONS IN MILLIMETERS
TERMINALS: SOLDERABLE PER MIL-STD -202,
METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE
MOUNTING POSITION: ANY
WEIGHT: 0.036 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE BY 20%
ELECTRICAL CHARACTERISTICS (TA=25
℃UNLESS OTHERWISE NOTED) VF=1.2V MAX, IF = 200mA FOR ALL TYPES
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
LEAKAGE CURRENT
JEDEC
TYPE NO
NOMINAL
ZENER
VOLTAGE
VZ@ IZT★
TEST
CURRENT
IZT
ZZT @ IZT
ZZK AT
IZK=1mA
TYPICAL
TEMPERATURE
COEFFICIENT
IR
TEST
VOLTAGE
SUFFIX B
MAXIMUM
REGULATOR
CURRENT
IZM
VOLTS
mA
OHMS
OHMS
% /
μA
VOLTAGE
mA
ZMM55-C2V4-LFR
ZMM55-C2V7-LFR
ZMM55-C3V0-LFR
ZMM55-C3V3-LFR
ZMM55-C3V6-LFR
ZMM55-C3V9-LFR
ZMM55-C4V3-LFR
ZMM55-C4V7-LFR
ZMM55-C5V1-LFR
ZMM55-C5V6-LFR
ZMM55-C6V2-LFR
ZMM55-C6V8-LFR
ZMM55-C7V5-LFR
ZMM55-C8V2-LFR
ZMM55-C9V1-LFR
ZMM55-C10-LFR
ZMM55-C11-LFR
ZMM55-C12-LFR
ZMM55-C13-LFR
ZMM55-C15-LFR
ZMM55-C16-LFR
ZMM55-C18-LFR
ZMM55-C20-LFR
ZMM55-C22-LFR
ZMM55-C24-LFR
ZMM55-C27-LFR
ZMM55-C30-LFR
ZMM55-C33-LFR
ZMM55-C36-LFR
2.28-2.56
2.5-2.9
2.8-3.2
3.1-3.5
3.4-3.8
3.7-4.1
4.0-4.6
4.4-5.0
4.8-5.4
5.2-6.0
5.8-6.6
6.4-7.2
7.0-7.9
7.7-8.7
8.5-9.6
9.4-10.6
10.4-11.6
11.4-12.7
12.4-14.1
13.8-15.6
15.3-17.1
16.8-19.1
18.8-21.2
20.8-23.3
22.8-25.6
25.1-28.9
28-32
31-35
34-38
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
85
85
85
85
85
85
75
60
35
25
10
8
7
7
10
15
20
20
26
30
40
50
55
55
80
80
80
80
80
600
600
600
600
600
600
600
600
550
450
200
150
50
50
50
70
70
90
110
110
170
170
220
220
220
220
220
220
220
-0.070
-0.070
-0.070
-0.065
-0.060
-0.050
-0.025
-0.010
+0.015
+0.025
+0.035
+0.045
+0.050
+0.050
+0.060
+0.070
+0.070
+0.070
+0.070
+0.070
+0.070
+0.070
+0.070
+0.070
+0.080
+0.080
+0.080
+0.080
+0.080
50
10
4
2
2
2
1
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
5.0
6.0
7.0
7.5
8.5
9.0
10
11
12
14
15
17
18
20
22
24
27
150
135
125
115
105
95
90
85
80
70
64
58
53
47
43
40
36
32
29
27
24
21
20
18
16
14
13
12
11
NOTE:
MEASURED WITH PULSES TP=20m SEC
STANDARD VOLTAGE TOLERANCE IS±5%AND
SUFFIX “A” FOR±1%, SUFFIX ”B” FOR±2%, SUFFIX “C” FOR±5%, SUFFIX “D” FOR±20%
SOLDERABLE ENDS
1.45
±0.15
3.5
±0.2
0.35
±0.15


Similar Part No. - ZMM55-C3V9-LFR

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM55-C3V9 JGD-ZMM55-C3V9 Datasheet
169Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI - MELF
logo
Pan Jit International I...
ZMM55-C3V9 PANJIT-ZMM55-C3V9 Datasheet
103Kb / 4P
   SURFACE MOUNT ZENER DIODES
logo
Galaxy Semi-Conductor H...
ZMM55-C3V9 BILIN-ZMM55-C3V9 Datasheet
192Kb / 2P
   ZENER DIODES
logo
Diotech Company.
ZMM55-C3V9 DIOTECH-ZMM55-C3V9 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
ZMM55-C3V9 PANJIT-ZMM55-C3V9 Datasheet
99Kb / 4P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - ZMM55-C3V9-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZJ2.0A FRONTIER-GLZJ2.0A Datasheet
128Kb / 4P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V0 FRONTIER-ZMM55-C2V0 Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZ2.0A FRONTIER-GLZ2.0A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
GLZ2.0A-LFR FRONTIER-GLZ2.0A-LFR Datasheet
123Kb / 4P
   500mW MINI MELF ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZMM5221B CHENG-YI-ZMM5221B Datasheet
249Kb / 3P
   500mW Mini melf ZENER Diodes
logo
WILLAS ELECTRONIC CORP
ZMM5221B WILLAS-ZMM5221B Datasheet
428Kb / 3P
   500mW Mini MELF Zener Diodes
logo
Rectron Semiconductor
GMZJ RECTRON-GMZJ Datasheet
45Kb / 3P
   Micro MELF ZENER DIODE 2.5% 500mW
ZMM5221B RECTRON-ZMM5221B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com