Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM300-Z Datasheet(PDF) 1 Page - Frontier Electronics.

Part # ZM300-Z
Description  1 WATT SURFACE MOUNT ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

ZM300-Z Datasheet(HTML) 1 Page - Frontier Electronics.

  ZM300-Z Datasheet HTML 1Page - Frontier Electronics. ZM300-Z Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZM200-X THRU ZM330-Z
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1 WATT SURFACE MOUNT ZENER DIODE
ZM200-X THRU ZM330-Z
FEATURES
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
LOW ZENER IMPEDANCE
EXCELLENT CLAMPING CAPABILITY
MECHANICAL DATA
CASE: MOLDED PLASTIC, SOD-123,
DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS: SOLDER PLATED
POLARITY: INDICATED BY CATHODE BAND
WEIGHT: 0.04 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
STORAGE AND OPERATING TEMPERATURE RANGE -55
°C TO + 150°C
ELECTRICAL CHARACTERISTICS (TA=25
℃UNLESS OTHERWISE NOTED) VF=1.2V MAX, IF = 200mA FOR ALL TYPES
ZENER
BREAKDOWN
VOLTAGE
DYNAMIC IMPEDANCES
@
25
℃ T
A
MAXIMUM REVERSE
CURRENT
@ MEASUREMENT
VOLTAGE AND 25
℃TA
Vz @IZT
ZZT
IZT
IR
VR
TYPE
MIN.
TYP.
MAX.
Ohms
mA
μA
V
MARKING
ZM200-X
ZM200-Y
ZM200-Z
ZM220-Y
ZM220-Z
ZM240-Y
ZM240-Z
ZM270-X
ZM270-Y
ZM270-Z
ZM300-X
ZM300-Y
ZM300-Z
ZM330-X
ZM330-Y
ZM330-Z
180
190
200
210
220
230
240
250
260
270
280
290
300
310
320
330
190
200
210
220
230
240
250
260
270
280
290
300
310
320
330
340
200
210
220
230
240
250
260
270
280
290
300
310
320
330
340
350
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
152
160
168
176
184
216
225
234
243
252
261
270
279
288
297
306
BX
BY
BZ
CY
CZ
DY
DZ
EX
EY
EZ
GX
GY
GZ
HX
HY
HZ
.071(1.8 )
.055(1.4 )
.161(4.1)
.146(3.7 )
.126(3.2)
.110(2.8 )
.063(1.6)
.055(1.4)
.0012(0.3) Typ.
.035(0.9) Typ.
.035(0.9) Typ.


Similar Part No. - ZM300-Z

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZM300-Z FORMOSA-ZM300-Z Datasheet
54Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZM300-Z FORMOSA-ZM300-Z Datasheet
58Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZM300-Z

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Frontier Electronics.
Z10-100-LFR FRONTIER-Z10-100-LFR Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
Z10-100 FRONTIER-Z10-100 Datasheet
112Kb / 1P
   1 WATT ZENER DIODE
ZTL50-X FRONTIER-ZTL50-X Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
logo
Compensated Deuices Inc...
1N3821A CDI-DIODE-1N3821A Datasheet
43Kb / 2P
   1 WATT ZENER DIODE
logo
Frontier Electronics.
1N4736A-LFR FRONTIER-1N4736A-LFR Datasheet
127Kb / 2P
   1 WATT ZENER DIODE
logo
First Components Intern...
1ZS110 FCI-1ZS110 Datasheet
122Kb / 2P
   1.0 WATT SURFACE MOUNT ZENER DIODE LOW ZENER IMPEDANCE
logo
Central Semiconductor C...
CLL4728A CENTRAL-CLL4728A Datasheet
431Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1 WATT, 3.3 THRU 100 VOLTS
logo
Formosa MS
ZS300-BL FORMOSA-ZS300-BL Datasheet
66Kb / 2P
   1 W Surface Mount Zener Diode - Zener diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com