Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSL30-9.1B Datasheet(PDF) 2 Page - Frontier Electronics.

Part # ZSL30-9.1B
Description  3 WATT SILICON ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

ZSL30-9.1B Datasheet(HTML) 2 Page - Frontier Electronics.

  ZSL30-9.1B Datasheet HTML 1Page - Frontier Electronics. ZSL30-9.1B Datasheet HTML 2Page - Frontier Electronics. ZSL30-9.1B Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZSL30-6.8B THRU ZSL30-400
Page: 2
ELECTRICAL CHARACTERISTICS (TL=30
℃UNLESS OTHERWISE NOTED VF=1.5V MAX, @IF = 200mA DC FOR ALL TYPES)
MAXIMUM ZENER IMPEDANCE
MAX. REVERSE
LEAKAGE CURRENT
JEDEC
TYPE
MARKING
NOMINAL
ZENER VOLTS
VZ@IZT
VOLTS
TEST
CURRENT
IZT
mA
ZZT @ IZT
Ohms
ZZK @
IZK
Ohms
mA
IR
@
VR
μA
VOLTS
MAXIMUM DC
ZENER
CURRENT
IZM
mA DC
ZSL30-30B
ZSL30-33B
ZSL30-36B
ZSL30-39B
ZSL30-43B
ZSL30-47B
ZSL30-51B
ZSL30-56B
ZSL30-62B
ZSL30-68B
ZSL30-75B
ZSL30-82B
ZSL30-91B
ZSL30-100B
ZSL30-110B
ZSL30-120B
ZSL30-130B
ZSL30-140B
ZSL30-150B
ZSL30-160B
ZSL30-170B
ZSL30-180B
ZSL30-190B
ZSL30-200B
ZSL30-220B
ZSL30-240B
ZSL30-270B
ZSL30-300B
ZSL30-330B
ZSL30-360B
ZSL30-400B
3Z30B
3Z33B
3Z36B
3Z39B
3Z43B
3Z47B
3Z51B
3Z56B
3Z62B
3Z68B
3Z75B
3Z82B
3Z91B
3Z100B
3Z110B
3Z120B
3Z130B
3Z140B
3Z150B
3Z160B
3Z170B
3Z180B
3Z190B
3Z200B
3Z220B
3Z240B
3Z270B
3Z300B
3Z330B
3Z360B
3Z400B
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
140
150
160
170
180
190
200
220
240
270
300
330
360
400
25
23
21
19
17
16
15
13
12
11
10
9.1
8.2
7.5
6.8
6.3
5.8
5.3
5.0
4.7
4.4
4.2
4.0
3.7
3.4
3.1
2.8
2.5
2.3
2.1
1.9
16
20
22
28
33
38
45
50
55
70
85
95
115
160
225
300
375
475
550
625
650
700
800
875
1600
1700
1800
1900
2200
2700
3500
1000
1000
1000
1000
1500
1500
1500
2000
2000
2000
2000
3000
3000
3000
4000
4500
5000
5000
6000
6500
7000
7000
8000
8000
9000
9000
9000
9000
9000
9000
9000
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
1
1
1
1
1
1
1
22.5
25.1
27.4
29.7
32.7
35.6
38.8
42.6
47.1
51.7
56.0
62.2
69.2
76.0
83.6
91.2
98.8
106.4
114.0
121.6
130.4
136.8
144.8
152
167
182
205
228
251
274
304
90
82
75
69
63
57
53
48
44
40
36
33
30
27
25
22
21
19
18
17
16
15
14
13
12
11
10
9
8
8
7
NOTE: SUFFIX “B” FOR
±5%


Similar Part No. - ZSL30-9.1B

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ZSL10-200B FRONTIER-ZSL10-200B Datasheet
119Kb / 2P
   1WATT ZENER DIODE
logo
List of Unclassifed Man...
ZSLS7025 ETC2-ZSLS7025 Datasheet
240Kb / 3P
   Boost LED Driver
logo
Renesas Technology Corp
ZSLS7025 RENESAS-ZSLS7025 Datasheet
769Kb / 27P
   Boost LED Driver
April 20, 2016
logo
List of Unclassifed Man...
ZSLS7025-ZI1R ETC2-ZSLS7025-ZI1R Datasheet
240Kb / 3P
   Boost LED Driver
ZSLS7025KIT-D1 ETC2-ZSLS7025KIT-D1 Datasheet
240Kb / 3P
   Boost LED Driver
More results

Similar Description - ZSL30-9.1B

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N5333B FRONTIER-1N5333B Datasheet
138Kb / 4P
   5 WATT SILICON ZENER DIODE
1N5342B FRONTIER-1N5342B Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
1N5342B-LFR FRONTIER-1N5342B-LFR Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
logo
Microsemi Corporation
1EZ110D5 MICROSEMI-1EZ110D5 Datasheet
169Kb / 3P
   Silicon 1 Watt Zener Diode
2EZ12D5DO41E3TR12 MICROSEMI-2EZ12D5DO41E3TR12 Datasheet
164Kb / 3P
   Silicon 2 Watt Zener Diode
3EZ39D5 MICROSEMI-3EZ39D5 Datasheet
69Kb / 2P
   SILICON 3 WATT ZENER DIODES
SMAJ5913BE3 MICROSEMI-SMAJ5913BE3 Datasheet
473Kb / 6P
   Silicon 3.0 Watt Zener Diode
logo
Frontier Electronics.
1N5921B FRONTIER-1N5921B Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4557B NJSEMI-1N4557B Datasheet
171Kb / 1P
   SILICON 50 WATT ZENER DIODE
logo
Frontier Electronics.
1N5921B-LFR FRONTIER-1N5921B-LFR Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com