Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK515B Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SK515B
Description  5.0AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SK515B Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SK515B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SK515B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 48 -
SMB/DO-214AA
Features
For surface mounted application
Metal to silicon rectifier, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated, lead free.
Polarity: Indicated by cathode band
Weight: 0.093 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SK
52B
SK
53B
SK
54B
SK
55B
SK
56B
SK
59B
SK
510B
SK
515B
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
150
V
Maximum Average Forward Rectified Current
at TL(See Fig. 1)
I(AV)
5.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
120
A
Maximum Instantaneous Forward Voltage
@ 5.0A
VF
0.55
0.75
0.85
0.95
V
0.5
0.1
Maximum DC Reverse Current (Note 1)
@ TA =25
oC at Rated DC Blocking Voltage
@ TA=125
oC
IR
20
10
2.0
mA
mA
Typical Thermal Resistance ( Note 2 )
RθJL
RθJA
19
60
o
C/W
Operating Temperature Range
TJ
-55 to +150
o
C
Storage Temperature Range
TSTG
-55 to +150
o
C
Notes:
1. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C.Board with 0.4” x 0.4” (10mm x 10mm) Copper Pad Areas.
SK52B-SK515B
5.0AMPS. Surface Mount Schottky Barrier Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SK515B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK515B TSC-SK515B Datasheet
258Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK515B TSC-SK515B Datasheet
138Kb / 2P
   5.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
SK515B SMC-SK515B Datasheet
161Kb / 6P
   SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
SK515B TSC-SK515B Datasheet
216Kb / 4P
   Surface Mount Schottky Barrier Rectifier
logo
SMC Diode Solutions Co....
SK515B SMCDIODE-SK515B Datasheet
183Kb / 4P
   SK515B SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - SK515B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SK52C LUGUANG-SK52C Datasheet
204Kb / 2P
   5.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK52B TSC-SK52B_13 Datasheet
256Kb / 4P
   5.0AMPS Surface Mount Schottky Barrier Rectifiers
SK52B TSC-SK52B_11 Datasheet
138Kb / 2P
   5.0AMPS Surface Mount Schottky Barrier Rectifiers
SK52C TSC-SK52C_11 Datasheet
136Kb / 2P
   5.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
SS52 CHONGQING-SS52 Datasheet
179Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
S520BF CHONGQING-S520BF Datasheet
217Kb / 2P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR520 CHONGQING-SR520 Datasheet
179Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS52L CHONGQING-SS52L Datasheet
177Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SBR545LBF CHONGQING-SBR545LBF Datasheet
178Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR560L CHONGQING-SR560L Datasheet
177Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com