Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR840 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SR840
Description  8.0A Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SR840 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SR840 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SR840 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
8.0
150
5.0
50
3.0
V
V
A
A
V
mA
mA
pF
UNITS
V
Typical Thermal Resistance RqJC (Note 2)
0.65
0.75
700
460
14
21
24
28
31
35
42
20
30
35
40
45
50
60
20
30
35
40
45
50
60
SR820 SR830 SR835 SR840 SR845 SR850 SR860
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Case.
-65
+125
-65
+150
-65
+150
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Polarity: As Marked
Mounting position: Any
Weight: 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Features
Mechanical Data
SR820-SR860
8.0A Schottky Barrier Rectifiers
Dimensions in inches and (millimeters)
TO-220AC
.412(10.5)
MAX
.185(4.70)
.175(4.44)
.055(1.40)
.045(1.14)
.27(6.86)
.23(5.84)
.11(2.79)
.10(2.54)
.025(0.64)
.014(0.35)
.154(3.91)
.148(3.74)
DIA
PIN1
2
.113(2.87)
.103(2.62)
.16(4.06)
.14(3.56)
.037(0.94)
.027(0.68)
.205(5.20)
.195(4.95)
.594(15.1)
.587(14.9)
.56(14.22)
.53(13.46)
PIN 1
PIN 2
CASE
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SR840

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR840 RECTRON-SR840 Datasheet
25Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
logo
Shenzhen Yixinwei Techn...
SR840 YIXIN-SR840 Datasheet
216Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
SR840 CHENG-YI-SR840 Datasheet
143Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR840 DGNJDZ-SR840 Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Bytes
SR840 BYTES-SR840 Datasheet
161Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR840

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD830 DIODES-SD830_15 Datasheet
149Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIERS
SD830 DIODES-SD830 Datasheet
58Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIERS
DS23006 Rev. F-2
SD845-B DIODES-SD845-B Datasheet
60Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIERS
SD860-T DIODES-SD860-T Datasheet
60Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIERS
logo
New Jersey Semi-Conduct...
SD830 NJSEMI-SD830 Datasheet
86Kb / 1P
   8.0A SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SD830 DIODES-SD830_1 Datasheet
64Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIERS
DS23006 Rev. 6 - 2
logo
WILLAS ELECTRONIC CORP
SR840 WILLAS-SR840 Datasheet
463Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SP840 WILLAS-SP840 Datasheet
623Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Formosa MS
SR820 FORMOSA-SR820_13 Datasheet
129Kb / 6P
   8.0A Axial Leaded Schottky Barrier Rectifiers - 20V-150V
logo
Diodes Incorporated
SBL830 DIODES-SBL830_1 Datasheet
75Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS23044 Rev. 4 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com