Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US5J Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # US5J
Description  Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

US5J Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  US5J Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd US5J Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7.5± 0.25
1.5± 0.25
8.3± 0.2
0.25± 0.06
Low cost
Low leakage
Low forward voltage drop
High current capability
Case:JEDEC DO-214AB,molded plastic
Polarity: Color band denotes cathode
Weight: 0.007 ounces,0.21 grams
Mounting position: Any
Ratings at 25  ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
US5A
US5B
US5D US5G US5J US5K US5M
Maximumrecurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
MaximumRMS voltage
VRMS
140
280
420
560
700
V
MaximumDC blocking voltage
VDC
200
400
600
800
1000
V
Maximumaverage forw ard rectified current
@T
L=90
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load @T
J=125
Maximuminstantaneous forward voltage at 5.0 A
VF
1.4
V
Maximumreverse current
@T
A=25
at rated DC blocking voltage @T
A=125
Typical reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
75
15
12
IR
2. Measured at 1.0MHZ and applied rev erse v oltage of 4.0V DC.
1.0
15
3
00
50
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 5.0 A
- 55 ---- + 150
35
DO-214AB(
SMC)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
The plastic material carries U/L recognition 94V-0
100
50
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A.
A
A
10
Easily cleaned with Alcohol,Isopropanol
and similar solvents
IF(AV)
5
.0
70
UNITS
- 55 ---- + 150
50
100
A
10
0
IFSM
1.7
Dimensions in millimeters
US5A-US5M
Surface Mount Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - US5J

ManufacturerPart #DatasheetDescription
logo
Semikron International
US5J SEMIKRON-US5J Datasheet
232Kb / 2P
   Ultrafast silicon rectifier diodes
logo
DONGGUAN YOU FENG WEI E...
US5J YFWDIODE-US5J Datasheet
475Kb / 3P
   Surface Mount Ultrafast Recovery Rectifier
logo
Formosa MS
US5J FORMOSA-US5J Datasheet
119Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
First Silicon Co., Ltd
US5J FS-US5J Datasheet
443Kb / 2P
   High Efficient Rectifier
logo
Thinki Semiconductor Co...
US5J THINKISEMI-US5J Datasheet
775Kb / 2P
   5.0 Ampere SMD Glass Passivated Ultra Fast Recovery Rectifier Diodes
More results

Similar Description - US5J

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com