Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C006A-20AC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C006A-20AC
Description  32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C006A-20AC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C006A-20AC Datasheet HTML 6Page - Cypress Semiconductor CY7C006A-20AC Datasheet HTML 7Page - Cypress Semiconductor CY7C006A-20AC Datasheet HTML 8Page - Cypress Semiconductor CY7C006A-20AC Datasheet HTML 9Page - Cypress Semiconductor CY7C006A-20AC Datasheet HTML 10Page - Cypress Semiconductor CY7C006A-20AC Datasheet HTML 11Page - Cypress Semiconductor CY7C006A-20AC Datasheet HTML 12Page - Cypress Semiconductor CY7C006A-20AC Datasheet HTML 13Page - Cypress Semiconductor CY7C006A-20AC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
CY7C006A/CY7C007A
CY7C016A/CY7C017A
Document Number: 38-06045 Rev. *F
Page 10 of 22
Data Retention Mode
The CY7C006A, CY7C007A, CY7C016A, and CY7C017A are
designed with battery backup in mind. Data retention voltage and
supply current are guaranteed over temperature. The following
rules ensure data retention:
1. Chip Enable (CE) must be held HIGH during data retention,
within VCC to VCC – 0.2 V.
2. CE must be kept between VCC – 0.2 V and 70% of VCC during
the power-up and power-down transitions.
3. The RAM can begin operation >tRC after VCC reaches the
minimum operating voltage (4.5 V).
tBLC
BUSY LOW from CE LOW
12
15
20
ns
tBHC
BUSY HIGH from CE HIGH
12
15
17
ns
tPS
Port Set-Up for Priority
5
5
5
ns
tWB
R/W HIGH after BUSY (Slave)
0
0
0
ns
tWH
R/W HIGH after BUSY HIGH (Slave)
11
13
15
ns
tBDD[23]
BUSY HIGH to Data Valid
12
15
20
ns
INTERRUPT TIMING[24]
tINS
INT Set Time
12
15
20
ns
tINR
INT Reset Time
12
15
20
ns
SEMAPHORE TIMING
tSOP
SEM Flag Update Pulse (OE or SEM)10
10
10
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
ns
tSPS
SEM Flag Contention Window
5
5
5
ns
tSAA
SEM Address Access Time
12
15
20
ns
Switching Characteristics
Over the Operating Range[14] (continued)
Parameter
Description
CY7C006A
CY7C007A
CY7C016A
CY7C017A
Unit
–12[15]
–15
–20
Min
Max
Min
Max
Min
Max
Timing
Parameter
Test Conditions[25]
Max
Unit
ICCDR1
@ VCCDR = 2 V
1.5
mA
Data Retention Mode
4.5V
4.5V
VCC 2.0V
VCC to VCC – 0.2V
VCC
CE
tRC
V
IH
Notes:
23. tBDD is a calculated parameter and is the greater of tWDD–tPWE (actual) or tDDD–tSD (actual).
24. Test conditions used are Load 2.
25. CE = VCC, Vin = GND to VCC, TA = 25C. This parameter is guaranteed but not tested.
[+] Feedback


Similar Part No. - CY7C006A-20AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C006A-20AC CYPRESS-CY7C006A-20AC Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C006A-20AC CYPRESS-CY7C006A-20AC Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
More results

Similar Description - CY7C006A-20AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C006A CYPRESS-CY7C006A_13 Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26_10 Datasheet
390Kb / 11P
   512 Kb (32 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com