Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZ4522 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SZ4522
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SZ4522 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SZ4522 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SZ4522 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@
VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
SZ452H
2.7
80
10
400
1.0
100
1.0
660
SZ453A
3.0
160
8.0
400
1.0
100
1.0
600
SZ453D
3.3
145
8.0
400
1.0
80
1.0
545
SZ453G
3.6
139
5.0
400
1.0
80
1.0
504
SZ453J
3.9
128
5.0
400
1.0
50
1.0
468
SZ454D
4.3
116
4.5
400
1.0
50
1.0
434
SZ454H
4.7
106
4.5
550
1.0
50
1.0
386
SZ455B
5.1
98.0
3.5
600
1.0
50
1.0
356
SZ455G
5.6
89.5
2.5
500
1.0
50
2.0
324
SZ456C
6.2
80.5
1.5
700
1.0
50
3.0
292
SZ456I
6.8
73.5
2.0
700
1.0
50
4.0
266
SZ457F
7.5
66.5
2.0
700
0.5
50
5.0
242
SZ458C
8.2
61.0
2.3
700
0.5
50
6.0
220
SZ459B
9.1
55.0
2.5
700
0.5
50
7.0
200
SZ4510
10
50.0
3.5
700
0.25
50
7.6
182
SZ4511
11
45.5
4.0
700
0.25
50
8.4
166
SZ4512
12
41.5
4.5
700
0.25
1.0
9.1
152
SZ4513
13
38.5
5.0
700
0.25
0.5
9.9
138
SZ4514
14
35.7
5.5
700
0.25
0.5
10.6
130
SZ4515
15
33.4
7.0
700
0.25
0.5
11.4
122
SZ4516
16
31.2
8.0
700
0.25
0.5
12.2
114
SZ4517
17
29.4
9.0
750
0.25
0.5
13.0
107
SZ4518
18
27.8
10
750
0.25
0.5
13.7
100
SZ4519
19
26.3
11
750
0.25
0.5
14.4
95
SZ4520
20
25.0
11
750
0.25
0.5
15.2
90
SZ4522
22
22.8
12
750
0.25
0.5
16.7
82
SZ4524
24
20.8
13
750
0.25
0.5
18.2
76
SZ4527
27
18.5
18
750
0.25
0.5
20.6
68
SZ4530
30
16.6
20
1000
0.25
0.5
22.5
60
SZ4533
33
15.1
23
1000
0.25
0.5
25.1
55
SZ4536
36
13.9
25
1000
0.25
0.5
27.4
50
SZ4539
39
12.8
30
1000
0.25
0.5
29.7
47
SZ4543
43
11.6
35
1500
0.25
0.5
32.7
43
SZ4547
47
10.6
40
1500
0.25
0.5
35.8
39
SZ4551
51
9.8
48
1500
0.25
0.5
38.8
36
SZ4556
56
9.0
55
2000
0.25
0.5
42.6
32
SZ4562
62
8.1
60
2000
0.25
0.5
47.1
29
SZ4568
68
7.4
75
2000
0.25
0.5
51.7
27
SZ4575
75
6.7
90
2000
0.25
0.5
56.0
24
SZ4582
82
6.1
100
3000
0.25
0.5
62.2
22
SZ4591
91
5.5
125
3000
0.25
0.5
69.2
20
SZ45B0
100
5.0
175
3000
0.25
0.5
76.0
18
SZ45B1
110
4.5
250
4000
0.25
0.5
83.6
17
SZ45B2
120
4.2
325
4500
0.25
0.5
91.2
15
SZ45B3
130
3.8
400
5000
0.25
0.5
98.8
14
SZ45B4
140
3.6
500
5500
0.25
0.5
106.4
13
SZ45B5
150
3.3
575
6000
0.25
0.5
114.0
12
SZ45B6
160
3.1
650
6500
0.25
0.5
121.6
11
SZ45B7
170
2.9
675
7000
0.25
0.5
130.4
11
SZ45B8
180
2.8
725
7000
0.25
0.5
136.8
10
SZ45B9
190
2.6
825
8000
0.25
0.5
144.8
10
SZ45D0
200
2.5
900
8000
0.25
0.5
152.0
9.0
Notes :
( 1 ) The type number listed have a standard tolerance on the nominal zener voltage of
± 5.0%,
altered the fourth number of type from " 5 " for
± 5.0% tolerance to be " 0 " for ± 10% tolerance.
( 2 ) " SZ " will be omitted in marking on the diode.
SZ452H - SZ45D0
ZENER DIODES
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SZ4522

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ4522 EIC-SZ4522 Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ4522 EIC-SZ4522 Datasheet
44Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shanghai Shunye Electro...
SZ4522 SHUNYE-SZ4522 Datasheet
73Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SZ4522

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com