Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C026A Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C026A
Description  16K x 16 Dual-Port Static RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C026A Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C026A_12 Datasheet HTML 2Page - Cypress Semiconductor CY7C026A_12 Datasheet HTML 3Page - Cypress Semiconductor CY7C026A_12 Datasheet HTML 4Page - Cypress Semiconductor CY7C026A_12 Datasheet HTML 5Page - Cypress Semiconductor CY7C026A_12 Datasheet HTML 6Page - Cypress Semiconductor CY7C026A_12 Datasheet HTML 7Page - Cypress Semiconductor CY7C026A_12 Datasheet HTML 8Page - Cypress Semiconductor CY7C026A_12 Datasheet HTML 9Page - Cypress Semiconductor CY7C026A_12 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
CY7C026A
Document #: 38-06046 Rev. *G
Page 6 of 21
Maximum Ratings[4]
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Storage temperature ................................ –65
C to +150 C
Ambient temperature with
power applied ........................................... –55
C to +125 C
Supply voltage to ground potential ...............–0.3 V to +7.0 V
DC voltage applied to outputs
in High Z state ..............................................–0.5 V to +7.0 V
DC input voltage[5].......................................–0.5 V to + 7.0 V
Output current into outputs (LOW) .............................. 20 mA
Static discharge voltage........................................... >2001 V
Latch-up current ..................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
C to +70 C
5V
 10%
Industrial
–40
C to +85 C
5V
 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
CY7C026A
Unit
-15
-20
Min
Typ
Max
Min
Typ
Max
VOH
Output HIGH voltage
(VCC = Min., IOH = –4.0 mA)
2.4
2.4
V
VOL
Output LOW voltage
(VCC = Min., IOH = +4.0 mA)
–0.4
0.4
V
VIH
Input HIGH voltage
2.2
2.2
V
VIL
Input LOW voltage
0.8
0.8
V
IOZ
Output leakage current
–10
10
–10
10
A
ICC
Operating current (VCC = Max, IOUT = 0
mA) outputs disabled
Com’l.
190
285
180
275
mA
Indust.
215
305
mA
ISB1
Standby current
(Both ports TTL level)
CEL & CER  VIH, f = fMAX
Com’l.
50
70
45
65
mA
Indust.
65
95
mA
ISB2
Standby current
(One port TTL level)
CEL | CER  VIH, f = fMAX
Com’l.
120
180
110
160
mA
Indust.
135
205
mA
ISB3
Standby current
(Both port CMOS level)
CEL & CER  VCC–0.2V, f = 0
Com’l.
0.05
0.5
0.05
0.5
mA
Indust.
0.05
0.5
mA
ISB4
Standby current
(One port CMOS level)
CEL | CER  VIH, f = fMAX
[6]
Com’l.
110
160
100
140
mA
Indust.
125
175
mA
Capacitance[7]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 C, f = 1 MHz,
VCC = 5.0 V
10
pF
COUT
Output capacitance
10
pF
Notes
4. The voltage on any input or I/O pin cannot exceed the power pin during power up.
5. Pulse width < 20 ns.
6. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level standby ISB3.
7. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C026A_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C026A-12AC CYPRESS-CY7C026A-12AC Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C026A-12AC CYPRESS-CY7C026A-12AC Datasheet
469Kb / 18P
   16K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C026A_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C026A CYPRESS-CY7C026A_05 Datasheet
469Kb / 18P
   16K x 16/18 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com