Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C131AE-15JXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C131AE-15JXI
Description  1 K / 2 K 횞 8 Dual-port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C131AE-15JXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C131AE-15JXI Datasheet HTML 2Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 3Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 4Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 5Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 6Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 7Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 8Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 9Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
CY7C131E, CY7C131AE
CY7C136E, CY7C136AE
Document Number: 001-64231 Rev. *D
Page 6 of 19
Switching Characteristics
Over the Operating Range
Parameter [11]
Description
7C131E-15/7C131AE-15
7C131E-25/7C136E-25
Unit
Min
Max
Min
Max
Read Cycle
tRC
Read cycle time
15
–25–
ns
tAA
Address to data valid [12]
15–25
ns
tOHA
Data hold from Address change
3
–3–
ns
tACE
CE LOW to data valid [12]
15–25
ns
tDOE
OE LOW to data valid [12]
10–15
ns
tLZOE
OE LOW to Low Z [13, 14, 15]
3
–3–
ns
tHZOE
OE HIGH to High Z [13, 14, 15]
10–15
ns
tLZCE
CE LOW to Low Z [13, 14, 15]
3
–5–
ns
tHZCE
CE HIGH to High Z [13, 14, 15]
10–15
ns
tPU
CE LOW to power-up [13]
0
–0–
ns
tPD
CE HIGH to power-down [13]
15–25
ns
Write Cycle [16]
tWC
Write cycle time
15
–25–
ns
tSCE
CE LOW to write end
12
–20–
ns
tAW
Address setup to write end
12
–20–
ns
tHA
Address hold from write end
0
–0–
ns
tSA
Address setup to write start
0
–0–
ns
tPWE
R/W pulse width
10
–12–
ns
tSD
Data setup to write end
10
–15–
ns
tHD
Data hold from write end
0
–0–
ns
tHZWE
[13]
R/W LOW to High Z [15]
10–15
ns
tLZWE
[13]
R/W HIGH to Low Z [15]
3
–3–
ns
Notes
11. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5 V, input pulse levels of 0 to 3.0 V and output loading of the specified IOL/IOH,
and 30 pF load capacitance.
12. AC Test Conditions use VOH = 1.6 V and VOL = 1.4 V.
13. This parameter is guaranteed but not tested.
14. At any given temperature and voltage condition for any given device, tHZCE is less than tLZCE and tHZOE is less than tLZOE.
15. Parameters tLZCE, tLZWE, tHZOE, tLZOE, tHZCE and tHZWE are tested with CL = 5 pF as in part (c) of Figure 3 on page 5. Transition is measured ±500 mV from steady
state voltage.
16. The internal write time of the memory is defined by the overlap of CE LOW and R/W LOW. Both signals must be low to initiate a write and either signal can terminate


Similar Part No. - CY7C131AE-15JXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131AE-15JXI CYPRESS-CY7C131AE-15JXI Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
More results

Similar Description - CY7C131AE-15JXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_12 Datasheet
480Kb / 22P
   1 K 횞 8 Dual-Port Static RAM
CY7C131E CYPRESS-CY7C131E_13 Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
CY7C006A CYPRESS-CY7C006A_13 Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com