Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C131AE-15JXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C131AE-15JXI
Description  1 K / 2 K 횞 8 Dual-port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C131AE-15JXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C131AE-15JXI Datasheet HTML 1Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 2Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 3Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 4Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 5Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 6Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 7Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 8Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CY7C131E, CY7C131AE
CY7C136E, CY7C136AE
1 K / 2 K × 8 Dual-port Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-64231 Rev. *D
Revised June 15, 2012
1 K / 2 K × 8 Dual-port Static RAM
Features
True dual-ported memory cells, which allow simultaneous
reads of the same memory location
1 K / 2 K × 8 organization
0.35 micron complementary metal oxide semiconductor
(CMOS) for optimum speed and power
High speed access: 15 ns
Low operating power: ICC = 110 mA (typical),
Standby: ISB3 = 0.05 mA (typical)
Fully asynchronous operation
Automatic power-down
BUSY output flag to indicate access to the same location by
both ports
INT flag for port-to-port communication
Available in 52-pin plastic leaded chip carrier (PLCC), 52-pin
plastic quad flat package (PQFP)
Pb-free packages available
Functional Description
CY7C131E / CY7C131AE / CY7C136E / CY7C136AE are
high-speed, low-power CMOS 1 K / 2 K × 8 dual-port static
RAMs. Two ports are provided permitting independent access to
any location in memory. The CY7C131E / CY7C131AE /
CY7C136E / CY7C136AE can be used as a standalone dual-port
static RAM. It is the solution to applications requiring shared or
buffered data, such as cache memory for DSP, bit-slice, or multi-
processor designs.
Each port has independent control pins; chip enable (CE), write
enable (R/W), and output enable (OE). Two flags are provided
on each port, BUSY and INT. The BUSY flag signals that the port
is trying to access the same location, which is currently being
accessed by the other port. The INT is an interrupt flag indicating
that data is placed in a unique location[1]. The BUSY and INT
flags are push pull outputs. An automatic power-down feature is
controlled independently on each port by the chip enable (CE)
pins.
The CY7C131E / CY7C131AE / CY7C136E / CY7C136AE are
available in 52-pin Pb-free PLCC and 52-pin Pb-free PQFP.
R/WL
BUSYL
CEL
OEL
A 9/10L
A 0L
A 0R
A 9/10R
R/WR
CER
OER
CER
OER
CEL
OEL
R/WL
R/WR
I/O7L
I/O0L
I/O7R
I/O0R
BUSYR
INTL
INTR
ARBITRATION
LOGIC
(7C130/7C131 ONLY)
AND
INTERRUPT LOGIC
CONTROL
I/O
CONTROL
I/O
MEMORY
ARRAY
ADDR
DECODER
ADDR
DECODER
[2]
[3]
[3]
Logic Block Diagram
7C131E/7C131AE/
7C136E/7C136AE
ARBITRATION LOGIC
INTERRUPT LOGIC
[4]
[4]
[2]
Notes
1. Unique location used by interrupt flag: 1 K × 8: Left port reads from 3FE, Right port reads from 3FF; 2 K × 8: Left port reads from 7FE, Right port reads from 7FF.
2. BUSY is a push-pull output. No pull-up resistor required.
3. INT: push-pull output. No pull-up resistor required.
4. 1 K × 8: A0–A9, 2 K × 8: A0–A10, address lines are for both left and right ports.


Similar Part No. - CY7C131AE-15JXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131AE-15JXI CYPRESS-CY7C131AE-15JXI Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
More results

Similar Description - CY7C131AE-15JXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_12 Datasheet
480Kb / 22P
   1 K 횞 8 Dual-Port Static RAM
CY7C131E CYPRESS-CY7C131E_13 Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
CY7C006A CYPRESS-CY7C006A_13 Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com