Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C131E-15NXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C131E-15NXI
Description  1 K / 2 K 횞 8 Dual-port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C131E-15NXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C131E-15NXI Datasheet HTML 1Page - Cypress Semiconductor CY7C131E-15NXI Datasheet HTML 2Page - Cypress Semiconductor CY7C131E-15NXI Datasheet HTML 3Page - Cypress Semiconductor CY7C131E-15NXI Datasheet HTML 4Page - Cypress Semiconductor CY7C131E-15NXI Datasheet HTML 5Page - Cypress Semiconductor CY7C131E-15NXI Datasheet HTML 6Page - Cypress Semiconductor CY7C131E-15NXI Datasheet HTML 7Page - Cypress Semiconductor CY7C131E-15NXI Datasheet HTML 8Page - Cypress Semiconductor CY7C131E-15NXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CY7C131E, CY7C131AE
CY7C136E, CY7C136AE
Document Number: 001-64231 Rev. *D
Page 5 of 19
Capacitance[10]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 C, f = 1 MHz, VCC = 5.0 V
15
pF
COUT
Output capacitance
10
pF
AC Test Loads and Waveforms
Figure 3. AC Test Loads and Waveforms
(a) Normal Load (Load 1)
R1 = 893
5 V
OUTPUT
R2 = 347
C= 30 pF
VTH = 1.4 V
OUTPUT
C= 30 pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay (Load 2)
R1 = 893
R2 = 347
5 V
OUTPUT
C= 5pF
RTH = 250 
(Used for tLZ, tHZ, tHZWE, and tLZWE
including scope and jig)
3.0 V
GND
90%
90%
10%
 5ns
5ns
(CY7C131E/CY7C131AE ONLY)
10%
ALL INPUT PULSES
Note
10. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C131E-15NXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131E-15NXI CYPRESS-CY7C131E-15NXI Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
More results

Similar Description - CY7C131E-15NXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_12 Datasheet
480Kb / 22P
   1 K 횞 8 Dual-Port Static RAM
CY7C131E CYPRESS-CY7C131E_13 Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
CY7C006A CYPRESS-CY7C006A_13 Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com