Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C131E-25NXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C131E-25NXC
Description  1 K / 2 K 횞 8 Dual-port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C131E-25NXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C131E-25NXC Datasheet HTML 4Page - Cypress Semiconductor CY7C131E-25NXC Datasheet HTML 5Page - Cypress Semiconductor CY7C131E-25NXC Datasheet HTML 6Page - Cypress Semiconductor CY7C131E-25NXC Datasheet HTML 7Page - Cypress Semiconductor CY7C131E-25NXC Datasheet HTML 8Page - Cypress Semiconductor CY7C131E-25NXC Datasheet HTML 9Page - Cypress Semiconductor CY7C131E-25NXC Datasheet HTML 10Page - Cypress Semiconductor CY7C131E-25NXC Datasheet HTML 11Page - Cypress Semiconductor CY7C131E-25NXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CY7C131E, CY7C131AE
CY7C136E, CY7C136AE
Document Number: 001-64231 Rev. *D
Page 8 of 19
Switching Characteristics
Over the Operating Range
Parameter
Description
7C131E-55
7C136E-55
7C136AE-55
Unit
Min
Max
Read Cycle
tRC
Read cycle time
55
ns
tAA
Address to data valid [21]
–55
ns
tOHA
Data hold from Address change
3
ns
tACE
CE LOW to data valid [21]
–55
ns
tDOE
OE LOW to data valid [21]
–25
ns
tLZOE
OE LOW to Low Z [21, 22, 23]
3–
ns
tHZOE
OE HIGH to High Z [21, 22, 23]
–25
ns
tLZCE
CE LOW to Low Z [21, 22, 23]
5–
ns
tHZCE
CE HIGH to High Z [21, 22, 23]
–25
ns
tPU
CE LOW to power-up [22]
0–
ns
tPD
CE HIGH to power-down [22]
–35
ns
Write Cycle
tWC
Write cycle time
55
ns
tSCE
CE LOW to write end
40
ns
tAW
Address setup to write end
40
ns
tHA
Address hold from write end
2
ns
tSA
Address setup to write start
0
ns
tPWE
R/W pulse width
30
ns
tSD
Data setup to write end
20
ns
tHD
Data hold from write end
0
ns
tHZWE
R/W LOW to High Z [24]
–25
ns
tLZWE
R/W HIGH to Low Z [24]
3–
ns
Busy/Interrupt Timing[20]
tBLA
BUSY LOW from Address match
30
ns
tBHA
BUSY HIGH from Address mismatch [25]
–30
ns
tBLC
BUSY LOW from CE LOW
30
ns
tBHC
BUSY HIGH from CE HIGH [25]
–30
ns
tPS
Port setup for priority
5
ns
tBDD
BUSY HIGH to valid data
45
ns
Notes
20. Test conditions used are Load 2.
21. The internal write time of the memory is defined by the overlap of CE LOW and R/W LOW. Both signals must be low to initiate a write and either signal can terminate
a write by going high. The data input setup and hold timing should be referenced to the rising edge of the signal that terminates the write.
22. AC Test Conditions use VOH = 1.6 V and VOL = 1.4 V.
23. These parameters are measured from the input signal changing, until the output pin goes to a high impedance state.
24. Parameters tLZCE, tLZWE, tHZOE, tLZOE, tHZCE and tHZWE are tested with C = 5 pF as in part (b) of Figure 3 on page 5. Transition is measured ±500 mV from steady
state voltage.
25. A write operation on Port A, where Port A has priority, leaves the data on Port B’s outputs undisturbed until one access time after one of the following:
BUSY on Port B goes HIGH.
Port B’s address toggled.


Similar Part No. - CY7C131E-25NXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131E-25NXC CYPRESS-CY7C131E-25NXC Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
More results

Similar Description - CY7C131E-25NXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_12 Datasheet
480Kb / 22P
   1 K 횞 8 Dual-Port Static RAM
CY7C131E CYPRESS-CY7C131E_13 Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
CY7C006A CYPRESS-CY7C006A_13 Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com