Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C131-55NXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C131-55NXI
Description  1 K 횞 8 Dual-Port Static RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C131-55NXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C131-55NXI Datasheet HTML 1Page - Cypress Semiconductor CY7C131-55NXI Datasheet HTML 2Page - Cypress Semiconductor CY7C131-55NXI Datasheet HTML 3Page - Cypress Semiconductor CY7C131-55NXI Datasheet HTML 4Page - Cypress Semiconductor CY7C131-55NXI Datasheet HTML 5Page - Cypress Semiconductor CY7C131-55NXI Datasheet HTML 6Page - Cypress Semiconductor CY7C131-55NXI Datasheet HTML 7Page - Cypress Semiconductor CY7C131-55NXI Datasheet HTML 8Page - Cypress Semiconductor CY7C131-55NXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CY7C130, CY7C130A
CY7C131, CY7C131A
1 K × 8 Dual-Port Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-06002 Rev. *H
Revised October 12, 2011
1 K × 8 Dual-Port Static RAM
Features
True dual-ported memory cells, which allow simultaneous
reads of the same memory location
1 K × 8 organization
0.65 micron CMOS for optimum speed and power
High speed access: 15 ns
Low operating power: ICC = 110 mA (maximum)
Fully asynchronous operation
Automatic power-down
Master CY7C130/130A/CY7C131/131A easily expands data
bus width to 16 or more bits using slave CY7C140/CY7C141
BUSY output flag on CY7C130/130A/CY7C131/131A; BUSY
input on CY7C140/CY7C141
INT flag for port-to-port communication
Available in 48-pin DIP (CY7C130/130A/140), 52-pin PLCC,
52-pin TQFP
Pb-free packages available
Functional Description
The CY7C130/130A/CY7C131/131A/CY7C140[1] and CY7C141
are high speed CMOS 1 K by 8 dual-port static RAMs. Two ports
are provided permitting independent access to any location in
memory. The CY7C130/130A/CY7C131/131A can be used as
either a standalone 8-bit dual-port static RAM or as a master
dual-port RAM in conjunction with the CY7C140/CY7C141 slave
dual-port device in systems requiring 16-bit or greater word
widths. It is the solution to applications requiring shared or
buffered data, such as cache memory for DSP, bit-slice, or multi-
processor designs.
Each port has independent control pins; chip enable (CE), write
enable (R/W), and output enable (OE). Two flags are provided
on each port, BUSY and INT. BUSY signals that the port is trying
to access the same location currently being accessed by the
other port. INT is an interrupt flag indicating that data is placed
in a unique location (3FF for the left port and 3FE for the right
port).
An
automatic
power
down
feature
is
controlled
independently on each port by the chip enable (CE) pins.
The CY7C130/130A and CY7C140 are available in 48-pin DIP.
The CY7C131/131A and CY7C141 are available in 52-pin
PLCC, 52-pin Pb-free PLCC, 52-pin PQFP, and 52-pin Pb-free
PQFP.
R/WL
BUSYL
CEL
OEL
A 9L
A 0L
A 0R
A 9R
R/WR
CER
OER
CER
OER
CEL
OEL
R/WL
R/WR
I/O7L
I/O0L
I/O7R
I/O0R
BUSYR
INTL
INTR
ARBITRATION
LOGIC
(7C130/7C131 ONLY)
AND
INTERRUPT LOGIC
CONTROL
I/O
CONTROL
I/O
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
DECODER
[2]
[3]
[3]
Logic Block Diagram
Notes
1. CY7C130 and CY7C130A are functionally identical; CY7C131 and CY7C131A are functionally identical.
2. CY7C130/130A/CY7C131/131A (Master): BUSY is open drain output and requires pull-up resistor.
CY7C140/CY7C141 (Slave): BUSY is input.
3. Open drain outputs: pull-up resistor required.


Similar Part No. - CY7C131-55NXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131-55NXC CYPRESS-CY7C131-55NXC Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C131-55NXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131E CYPRESS-CY7C131E Datasheet
347Kb / 19P
   1 K / 2 K 횞 8 Dual-port Static RAM
CY7C006A CYPRESS-CY7C006A_13 Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
CY62128ELL-45ZXIT CYPRESS-CY62128ELL-45ZXIT Datasheet
970Kb / 19P
   1-Mbit (128 K 횞 8) Static RAM
CY7C131E CYPRESS-CY7C131E_13 Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_11 Datasheet
434Kb / 19P
   3.3-V 8 K 횞 9 Synchronous Dual Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com