Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C421-20JXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C421-20JXC
Description  512 횞 9 Asynchronous FIFO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C421-20JXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C421-20JXC Datasheet HTML 1Page - Cypress Semiconductor CY7C421-20JXC Datasheet HTML 2Page - Cypress Semiconductor CY7C421-20JXC Datasheet HTML 3Page - Cypress Semiconductor CY7C421-20JXC Datasheet HTML 4Page - Cypress Semiconductor CY7C421-20JXC Datasheet HTML 5Page - Cypress Semiconductor CY7C421-20JXC Datasheet HTML 6Page - Cypress Semiconductor CY7C421-20JXC Datasheet HTML 7Page - Cypress Semiconductor CY7C421-20JXC Datasheet HTML 8Page - Cypress Semiconductor CY7C421-20JXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CY7C421
512 × 9 Asynchronous FIFO
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-06001 Rev. *H
Revised August 7, 2012
512 × 9 Asynchronous FIFO
Features
Asynchronous First-In First-Out (FIFO) Buffer Memories
512 × 9 (CY7C421)
Dual-Ported RAM Cell
High Speed 50 MHz Read and Write Independent of Depth and
Width
Low Operating Power: ICC = 35 mA
Empty and Full Flags (Half Full Flag in Standalone)
TTL Compatible
Retransmit in Standalone
Expandable in Width
PLCC, 7 × 7 TQFP, 300-Mil Molded SOJ
Pb-free Packages Available
Pin Compatible and Functionally Equivalent to IDT7201, and
AM7201
Functional Description
The CY7C421 is a first-in first-out (FIFO) memory offered in
300-mil wide SOJ, TQFP & PLCC packages and it is 512 words
by 9 bits wide. Each FIFO memory is organized such that the
data is read in the same sequential order that it was written. Full
and empty flags are provided to prevent overflow and underflow.
Three additional pins are also provided to facilitate unlimited
expansion in width, depth, or both. The depth expansion
technique steers the control signals from one device to another
in parallel. This eliminates the serial addition of propagation
delays, so that throughput is not reduced. Data is steered in a
similar manner.
The read and write operations may be asynchronous; each can
occur at a rate of 50 MHz. The write operation occurs when the
write (W) signal is LOW. Read occurs when read (R) goes LOW.
The nine data outputs go to the high impedance state when R is
HIGH.
A Half Full (HF) output flag that is valid in the standalone and
width expansion configurations is provided. In the depth
expansion configuration, this pin provides the expansion out
(XO) information that is used to tell the next FIFO that it is
activated.
In the standalone and width expansion configurations, a LOW on
the retransmit (RT) input causes the FIFO to retransmit the data.
Read enable (R) and write enable (W) must both be HIGH during
retransmit, and then R is used to access the data.
The CY7C421 is fabricated using an advanced 0.65-micron
P-well CMOS technology. Input ESD protection is greater than
2000 V and latch up is prevented by careful layout and guard
rings.
Selection Guide
512 × 9
-15
-20
Frequency (MHz)
40
33.3
Maximum Access Time (ns)
15
20
ICC1 (mA)
35
35
CY7C421512 × 9 Asynchronous FIFO


Similar Part No. - CY7C421-20JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C421-20JXC CYPRESS-CY7C421-20JXC Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C421-20JXC CYPRESS-CY7C421-20JXC Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
More results

Similar Description - CY7C421-20JXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7200L TI-SN74ACT7200L Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
logo
LOGIC Devices Incorpora...
L8C201 LODEV-L8C201 Datasheet
182Kb / 22P
   512/1K/2K/4K x 9-bit Asynchronous FIFO
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419 Datasheet
522Kb / 22P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Sharp Corporation
LH5496 SHARP-LH5496 Datasheet
141Kb / 16P
   CMOS 512 x 9 FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com