Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C0832AV-133AXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C0832AV-133AXI
Description  FLEx18??3.3 V 128 K / 256 K / 512 K 횞 18 Synchronous Dual-Port RAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0832AV-133AXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C0832AV-133AXI Datasheet HTML 1Page - Cypress Semiconductor CY7C0832AV-133AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C0832AV-133AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C0832AV-133AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C0832AV-133AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C0832AV-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C0832AV-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C0832AV-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C0832AV-133AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
CY7C0831AV, CY7C0832AV
CY7C0832BV, CY7C0833V
Document #: 38-06059 Rev. *W
Page 4 of 31
Pin Configurations
Figure 1. 144-ball BGA (Top View)
CY7C0833V
1
2
3
4
5
6
7
8
9
10
11
12
A
DQ17L
DQ16L
DQ14L
DQ12L
DQ10L
DQ9L
DQ9R
DQ10R
DQ12R
DQ14R
DQ16R
DQ17R
B
A0L
A1L
DQ15L
DQ13L
DQ11L
MRST
NC
DQ11R
DQ13R
DQ15R
A1R
A0R
C
A2L
A3L
CE1L
[3]
INTL
CNTINTL
[4]
ADSL
[5]
ADSR
[5]
CNTINTR
[4]
INTR
CE1R
[3]
A3R
A2R
D
A4L
A5L
CE0L
[5]
NC
VDD
VDD
VDD
VDD
NC
CE0R
[5]
A5R
A4R
E
A6L
A7L
B1L
NC
VDD
VSS
VSS
VDD
NC
B1R
A7R
A6R
F
A8L
A9L
CL
NC
VSS
VSS
VSS
VSS
NC
CR
A9R
A8R
G
A10L
A11L
B0L
NC
VSS
VSS
VSS
VSS
NC
B0R
A11R
A10R
H
A12L
A13L
OEL
NC
VDD
VSS
VSS
VDD
NC
OER
A13R
A12R
J
A14L
A15
RWL
NC
VDD
VDD
VDD
VDD
NC
RWR
A15R
A14R
K
A16L
A17L
CNT/MSKL
[3]
TDO
CNTRSTL
[3]
TCK
TMS
CNTRSTR
[3]
TDI
CNT/MSKR
[3]
A17R
A16R
L
A18L
NC
DQ6L
DQ4L
DQ2L
CNTENL
[5] CNTEN
R
[5]
DQ2R
DQ4R
DQ6R
NC
A18R
M
DQ8L
DQ7L
DQ5L
DQ3L
DQ1L
DQ0L
DQ0R
DQ1R
DQ3R
DQ5R
DQ7R
DQ8R
Notes
3. These balls are not applicable for CY7C0833V device. They must be tied to VDD.
4. These balls are not applicable for CY7C0833V device. They must not be connected.
5. These balls are not applicable for CY7C0833V device. They must be tied to VSS.


Similar Part No. - CY7C0832AV-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0832AV-133AXI CYPRESS-CY7C0832AV-133AXI Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
More results

Similar Description - CY7C0832AV-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_11 Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C1360C CYPRESS-CY7C1360C_12 Datasheet
1Mb / 37P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com