Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C0852AV-133BBI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C0852AV-133BBI
Description  FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0852AV-133BBI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C0852AV-133BBI Datasheet HTML 1Page - Cypress Semiconductor CY7C0852AV-133BBI Datasheet HTML 2Page - Cypress Semiconductor CY7C0852AV-133BBI Datasheet HTML 3Page - Cypress Semiconductor CY7C0852AV-133BBI Datasheet HTML 4Page - Cypress Semiconductor CY7C0852AV-133BBI Datasheet HTML 5Page - Cypress Semiconductor CY7C0852AV-133BBI Datasheet HTML 6Page - Cypress Semiconductor CY7C0852AV-133BBI Datasheet HTML 7Page - Cypress Semiconductor CY7C0852AV-133BBI Datasheet HTML 8Page - Cypress Semiconductor CY7C0852AV-133BBI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
CY7C0851V/CY7C0851AV
CY7C0852V/CY7C0852AV
CY7C0853V/CY7C0853AV
Document Number: 38-06070 Rev. *L
Page 5 of 39
Figure 2. 172-ball BGA pinout (Top View)
Pin Configurations (continued)
123
45678
9
10
11
12
13
14
A
DQ32L
DQ30L
NC
VSS
DQ13L
VDD
DQ11L
DQ11R
VDD
DQ13R
VSS
NC
DQ30R
DQ32R
B
A0L
DQ33L
DQ29L
DQ17L
DQ14L
DQ12L
DQ9L
DQ9R
DQ12R
DQ14R
DQ17R
DQ29R
DQ33R
A0R
C
A17L
A1L
DQ31L
DQ27L
INTL
DQ15L
DQ10L
DQ10R
DQ15R
INTR
DQ27R
DQ31R
A1R
A17R
D
A2L
A3L
DQ35L
DQ34L
DQ28L
DQ16L
VSS
VSS
DQ16R
DQ28R
DQ34R
DQ35R
A3R
A2R
E
A4L
A5L
VDD
B0L
VDD
VSS
VDD
VDD
B0R
VDD
A5R
A4R
F
VDD
A6L
A7L
B1L
VDD
VSS
B1R
A7R
A6R
VDD
G
OEL
B2L
B3L
VSS
CY7C0853V/CY7C0853AV
VSS
B3R
B2R
OER
H
VSS
R/WL
A8L
CLKL
CLKR
A8R
R/WRVSS
J
A9L
A10L
VSS
VSS
VSS
VDD
VSS
MRST
A10R
A9R
K
A11L
A12L
A15L
VDD
VDD
VDD
VSS
VDD
VDD
A15R
A12R
A11R
L
VDD
A13L
VSS
DQ26L
DQ25L
DQ19L
VSS
VSS
DQ19R
DQ25R
DQ26R
VSS
A13R
VDD
M
A16L
A14L
DQ22L
DQ18L
TDI
DQ7L
DQ2L
DQ2R
DQ7R
TCK
DQ18R
DQ22R
A14R
A16R
N
DQ24L
DQ20L
DQ8L
DQ6L
DQ5L
DQ3L
DQ0L
DQ0R
DQ3R
DQ5R
DQ6R
DQ8R
DQ20R
DQ24R
P
DQ23L
DQ21L
TDO
VSS
DQ4L
VDD
DQ1L
DQ1R
VDD
DQ4R
VSS
TMS
DQ21R
DQ23R


Similar Part No. - CY7C0852AV-133BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0852AV-133BBI CYPRESS-CY7C0852AV-133BBI Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
More results

Similar Description - CY7C0852AV-133BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C0831AV CYPRESS-CY7C0831AV_12 Datasheet
526Kb / 31P
   FLEx18??3.3 V 128 K / 256 K / 512 K 횞 18 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_11 Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com