Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C0852V-133BBC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C0852V-133BBC
Description  FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0852V-133BBC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C0852V-133BBC Datasheet HTML 3Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 4Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 5Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 6Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 7Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 8Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 9Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 10Page - Cypress Semiconductor CY7C0852V-133BBC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
CY7C0851V/CY7C0851AV
CY7C0852V/CY7C0852AV
CY7C0853V/CY7C0853AV
Document Number: 38-06070 Rev. *L
Page 7 of 39
Pin Definitions
Left Port
Right Port
Description
A0L–A17L
[3]
A0R–A17R
[3]
Address inputs.
ADSL
[4]
ADSR
[4]
Address strobe input. Used as an address qualifier. This signal should be asserted LOW for the part
using the externally supplied address on the address pins and for loading this address into the burst
address counter.
CE0L
[4]
CE0R
[4]
Active LOW chip enable input.
CE1L
[4]
CE1R
[4]
Active HIGH chip enable input.
CLKL
CLKR
Clock signal. Maximum clock input rate is fMAX.
CNTENL
[4]
CNTENR
[4]
Counter enable input. Asserting this signal LOW increments the burst address counter of its
respective port on each rising edge of CLK. The increment is disabled if ADS or CNTRST are asserted
LOW.
CNTRSTL
[4]
CNTRSTR
[4]
Counter reset input. Asserting this signal LOW resets to zero the unmasked portion of the burst
address counter of its respective port. CNTRST is not disabled by asserting ADS or CNTEN.
CNT/MSKL
[4]
CNT/MSKR
[4] Address counter mask register enable input. Asserting this signal LOW enables access to the
mask register. When tied HIGH, the mask register is not accessible and the address counter
operations are enabled based on the status of the counter control signals.
DQ0L–DQ35L DQ0R–DQ35R Data bus input/output.
OEL
OER
Output enable input. This asynchronous signal must be asserted LOW to enable the DQ data pins
during Read operations.
INTL
INTR
Mailbox interrupt flag output. The mailbox permits communications between ports. The upper two
memory locations can be used for message passing. INTL is asserted LOW when the right port writes
to the mailbox location of the left port, and vice versa. An interrupt to a port is deasserted HIGH when
it reads the contents of its mailbox.
CNTINTL
[4]
CNTINTR
[4]
Counter interrupt output. This pin is asserted LOW when the unmasked portion of the counter is
incremented to all “1s.”
R/WL
R/WR
Read/Write enable input. Assert this pin LOW to write to, or HIGH to Read from the dual port memory
array.
B0L–B3L
B0R–B3R
Byte select inputs. Asserting these signals enables Read and Write operations to the corresponding
bytes of the memory array.
MRST
Master reset input. MRST is an asynchronous input signal and affects both ports. Asserting MRST
LOW performs all of the reset functions as described in the text. A MRST operation is required at
power up.
TMS
JTAG test mode select input. It controls the advance of JTAG TAP state machine. State machine
transitions occur on the rising edge of TCK.
TDI
JTAG test data input. Data on the TDI input is shifted serially into selected registers.
TCK
JTAG test clock input.
TDO
JTAG test data output. TDO transitions occur on the falling edge of TCK. TDO is normally
three-stated except when captured data is shifted out of the JTAG TAP.
VSS
Ground inputs.
VDD
Power inputs.
Notes
3. 9M device has 18 address bits, 4M device has 17 address bits, and 2M device has 16 address bits.
4. These pins are not available for CY7C0853V/CY7C0853AV device.


Similar Part No. - CY7C0852V-133BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0852V-133BBC CYPRESS-CY7C0852V-133BBC Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
More results

Similar Description - CY7C0852V-133BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C0831AV CYPRESS-CY7C0831AV_12 Datasheet
526Kb / 31P
   FLEx18??3.3 V 128 K / 256 K / 512 K 횞 18 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_11 Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com