Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX148BCPP+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX148BCPP+
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148BCPP+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX148BCPP+ Datasheet HTML 1Page - Maxim Integrated Products MAX148BCPP+ Datasheet HTML 2Page - Maxim Integrated Products MAX148BCPP+ Datasheet HTML 3Page - Maxim Integrated Products MAX148BCPP+ Datasheet HTML 4Page - Maxim Integrated Products MAX148BCPP+ Datasheet HTML 5Page - Maxim Integrated Products MAX148BCPP+ Datasheet HTML 6Page - Maxim Integrated Products MAX148BCPP+ Datasheet HTML 7Page - Maxim Integrated Products MAX148BCPP+ Datasheet HTML 8Page - Maxim Integrated Products MAX148BCPP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
+2.7V to +5.25V, Low-Power, 8-Channel,
Serial 10-Bit ADCs
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V; COM = 0; fSCLK = 2.0MHz; external clock (50% duty cycle); 15 clocks/conversion cycle (133ksps);
MAX149—4.7FF capacitor at VREF pin; MAX148—external reference, VREF = 2.500V applied to VREF pin; TA = TMIN to TMAX, unless
otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CONVERSION RATE (continued)
Internal Clock Frequency
SHDN = unconnected
1.8
MHz
SHDN = VDD
0.225
External Clock Frequency
0.1
2.0
MHz
Data transfer only
1
2.0
ANALOG/COM INPUTS
Input Voltage Range, Single-
Ended and Differential (Note 6)
Unipolar, COM = 0
0 to VREF
V
Bipolar, VCOM = VREF/2
±VREF/2
Multiplexer Leakage Current
On/off leakage current, VCH_ = 0 or VDD
±0.01
±1
μA
Input Capacitance
16
pF
INTERNAL REFERENCE (MAX149 Only, Reference Buffer Enabled)
VREF Output Voltage
TA = +25°C (Note 7)
2.470
2.500
2.530
V
VREF Short-Circuit Current
30
mA
VREF Temperature Coefficient
MAX149
±30
ppm/
°C
Load Regulation (Note 8)
0 to 0.2mA output load
0.35
mV
Capacitive Bypass at VREF
Internal compensation mode
0
μF
External compensation mode
4.7
Capacitive Bypass at REFADJ
0.01
μF
REFADJ Adjustment Range
±1.5
%
EXTERNAL REFERENCE AT VREF (Buffer Disabled)
VREF Input Voltage Range
(Note 9)
1.0
VDD +
50mV
V
VREF Input Current
VREF = 2.500V
100
150
μA
VREF Input Resistance
18
25
kΩ
Shutdown VREF Input Current
0.01
10
μA
REFADJ Buffer-Disable Threshold
VDD -
0.5
V
EXTERNAL REFERENCE AT REFADJ
Capacitive Bypass at VREF
Internal compensation mode
0
μF
External compensation mode
4.7
Reference Buffer Gain
MAX149
2.06
V/V
MAX148
2.00
REFADJ Input Current
MAX149
±50
μA
MAX148
±10


Similar Part No. - MAX148BCPP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148BCPP++ MAXIM-MAX148BCPP+ Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
More results

Similar Description - MAX148BCPP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com