Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1480BV33-200AXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1480BV33-200AXC
Description  72-Mbit (2 M 횞 36/4 M 횞 18) Pipelined Sync SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1480BV33-200AXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1480BV33-200AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1480BV33-200AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1480BV33-200AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1480BV33-200AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1480BV33-200AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1480BV33-200AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1480BV33-200AXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1480BV33-200AXC Datasheet HTML 14Page - Cypress Semiconductor CY7C1480BV33-200AXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
CY7C1480BV33
CY7C1482BV33
Document Number: 001-15145 Rev. *H
Page 11 of 33
IEEE 1149.1 Serial Boundary Scan (JTAG)
The CY7C1480BV33 and CY7C1482BV33 incorporate a serial
boundary scan test access port (TAP). This port operates in
accordance with IEEE Standard 1149.1-1990 but does not have
the set of functions required for full 1149.1 compliance. These
functions from the IEEE specification are excluded because their
inclusion places an added delay in the critical speed path of the
SRAM. Note that the TAP controller functions in a manner that
does not conflict with the operation of other devices using 1149.1
fully compliant TAPs. The TAP operates using JEDEC-standard
3.3 V or 2.5 V I/O logic levels.
The CY7C1480BV33 and CY7C1482BV33 contain a TAP
controller, instruction register, boundary scan register, bypass
register, and ID register.
Disabling the JTAG Feature
It is possible to operate the SRAM without using the JTAG
feature. To disable the TAP controller, tie TCK LOW (VSS) to
prevent device clocking. TDI and TMS are internally pulled up
and may be unconnected. They may alternatively be connected
to VDD through a pull-up resistor. TDO must be left unconnected.
At power-up, the device comes up in a reset state, which does
not interfere with the operation of the device.
The 0/1 next to each state represents the value of TMS at the
rising edge of TCK.
Test Access Port (TAP)
Test Clock (TCK)
The test clock is used only with the TAP controller. All inputs are
captured on the rising edge of TCK. All outputs are driven from
the falling edge of TCK.
Test Mode Select (TMS)
The TMS input gives commands to the TAP controller and is
sampled on the rising edge of TCK. Leave this ball unconnected
if the TAP is not used. The ball is pulled up internally, resulting in
a logic HIGH level.
Test Data-In (TDI)
The TDI ball serially inputs information into the registers and can
be connected to the input of any of the registers. The register
between TDI and TDO is chosen by the instruction that is loaded
into the TAP instruction register. For information about loading
the instruction register, see the TAP Controller State Diagram on
page 13. TDI is internally pulled up and can be unconnected if
the TAP is unused in an application. TDI is connected to the most
significant bit (MSB) of any register.
Test Data-Out (TDO)
The TDO output ball serially clocks data-out from the registers.
The output is active depending upon the current state of the TAP
state machine. The output changes on the falling edge of TCK.
TDO is connected to the least significant bit (LSB) of any register.
Performing a TAP Reset
Perform a RESET by forcing TMS HIGH (VDD) for five rising
edges of TCK. This RESET does not affect the operation of the
SRAM and may be performed while the SRAM is operating.
At power-up, the TAP is reset internally to ensure that TDO
comes up in a High Z state.
TAP Registers
Registers are connected between the TDI and TDO balls and
enable data to be scanned into and out of the SRAM test circuitry.
Only one register can be selected at a time through the
instruction register. Data is serially loaded into the TDI ball on the
rising edge of TCK. Data is output on the TDO ball on the falling
edge of TCK.
Instruction Register
Three-bit instructions can be serially loaded into the instruction
register. This register is loaded when it is placed between the TDI
and TDO balls as shown in the TAP Controller Block Diagram on
page 14. At power-up, the instruction register is loaded with the
IDCODE instruction. It is also loaded with the IDCODE
instruction if the controller is placed in a reset state, as described
in the previous section.
When the TAP controller is in the Capture-IR state, the two least
significant bits are loaded with a binary “01” pattern to enable
fault isolation of the board-level serial test data path.
Bypass Register
To save time when serially shifting data through registers, it is
sometimes advantageous to skip certain chips. The bypass
register is a single-bit register that can be placed between the
TDI and TDO balls. This enables data to be shifted through the
SRAM with minimal delay. The bypass register is set LOW (VSS)
when the BYPASS instruction is executed.
Boundary Scan Register
The boundary scan register is connected to all the input and
bidirectional balls on the SRAM. The x36 configuration has a
73-bit-long register, and the x18 configuration has a 54-bit-long
register.
The boundary scan register is loaded with the contents of the
RAM I/O ring when the TAP controller is in the Capture-DR state
and is then placed between the TDI and TDO balls when the
controller is moved to the Shift-DR state. The EXTEST,
SAMPLE/PRELOAD, and SAMPLE Z instructions can be used
to capture the contents of the I/O ring.
The Boundary Scan Order tables show the order in which the bits
are connected. Each bit corresponds to one of the bumps on the
SRAM package. The MSB of the register is connected to TDI and
the LSB is connected to TDO.
Identification (ID) Register
The ID register is loaded with a vendor-specific, 32-bit code
during the Capture-DR state when the IDCODE command is
loaded in the instruction register. The IDCODE is hardwired into
the SRAM and can be shifted out when the TAP controller is in
the Shift-DR state. The ID register has a vendor code and other
information described in the section Identification Register
Definitions on page 17.


Similar Part No. - CY7C1480BV33-200AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1480BV33-200AXC CYPRESS-CY7C1480BV33-200AXC Datasheet
974Kb / 34P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV33-200AXC CYPRESS-CY7C1480BV33-200AXC Datasheet
1,017Kb / 36P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
More results

Similar Description - CY7C1480BV33-200AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1484BV25 CYPRESS-CY7C1484BV25 Datasheet
709Kb / 21P
   72-Mbit (2 M 횞 36) Pipelined DCD Sync SRAM
CY7C1484BV33 CYPRESS-CY7C1484BV33 Datasheet
923Kb / 30P
   72-Mbit (2 M 횞 36) Pipelined DCD Sync SRAM
CY7C1470V25 CYPRESS-CY7C1470V25_12 Datasheet
854Kb / 38P
   72-Mbit (2 M 횞 36/4 M 횞 18/1 M 횞 72) Pipelined SRAM with NoBL??Architecture
CY7C1440AV33 CYPRESS-CY7C1440AV33_12 Datasheet
809Kb / 33P
   36-Mbit (1 M 횞 36) Pipelined Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_12 Datasheet
687Kb / 34P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33_12 Datasheet
603Kb / 23P
   36-Mbit (1 M 횞 36) Pipelined DCD Sync SRAM
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_12 Datasheet
1,000Kb / 31P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1380D CYPRESS-CY7C1380D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380DV33 CYPRESS-CY7C1380DV33 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com