Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1563XV18-600BZXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1563XV18-600BZXC
Description  72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1563XV18-600BZXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1563XV18-600BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1563XV18-600BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1563XV18-600BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1563XV18-600BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1563XV18-600BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1563XV18-600BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1563XV18-600BZXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1563XV18-600BZXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1563XV18-600BZXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
CY7C1563XV18, CY7C1565XV18
Document Number: 001-70205 Rev. *B
Page 8 of 29
Depth Expansion
The CY7C1563XV18 has a port select input for each port. This
enables for easy depth expansion. Both port selects are sampled
on the rising edge of the positive input clock only (K). Each port
select input can deselect the specified port. Deselecting a port
does not affect the other port. All pending transactions (read and
write) are completed before the device is deselected.
Programmable Impedance
An external resistor, RQ, must be connected between the ZQ pin
on the SRAM and VSS to allow the SRAM to adjust its output
driver impedance. The value of RQ must be 5 × the value of the
intended line impedance driven by the SRAM, the allowable
range of RQ to guarantee impedance matching with a tolerance
of ±15% is between 175
 and 350 , with VDDQ =1.5 V. The
output impedance is adjusted every 1024 cycles upon power up
to account for drifts in supply voltage and temperature.
Echo Clocks
Echo clocks are provided on the QDR II+ to simplify data capture
on high-speed systems. Two echo clocks are generated by the
QDR II+. CQ is referenced with respect to K and CQ is
referenced with respect to K. These are free running clocks and
are synchronized to the input clock of the QDR II+. The timing
for the echo clocks is shown in the Switching Characteristics on
page 23.
Valid Data Indicator (QVLD)
QVLD is provided on the QDR II+ to simplify data capture on high
speed systems. The QVLD is generated by the QDR II+ device
along with data output. This signal is also edge-aligned with the
echo clock and follows the timing of any data pin. This signal is
asserted half a cycle before valid data arrives.
PLL
These chips use a PLL that is designed to function between
120 MHz and the specified maximum clock frequency. During
power up, when the DOFF is tied HIGH, the PLL is locked after
100
s of stable clock. The PLL can also be reset by slowing or
stopping the input clocks K and K for a minimum of 30 ns.
However, it is not necessary to reset the PLL to lock to the
desired frequency. The PLL automatically locks 100
s after a
stable clock is presented. The PLL may be disabled by applying
ground to the DOFF pin. When the PLL is turned off, the device
behaves in QDR I mode (with one cycle latency and a longer
access time). For information, refer to the application note, PLL
Considerations in QDRII/DDRII/QDRII+/DDRII+.
Application Example
Figure 2 shows two QDR II+ used in an application.
Figure 2. Application Example
BUS MASTER
(CPU or ASIC)
DATA IN
DATA OUT
Address
Source K
Source K
Vt
Vt
Vt
R
R
D
A
K
SRAM #2
RQ = 250 ohms
ZQ
CQ/CQ
Q
K
RPS WPS BWS
D
A
K
SRAM #1
CQ/CQ
Q
K
RPS WPS BWS
RPS
WPS
BWS
CLKIN1/CLKIN1
R = 50ohms, Vt = V
/2
DDQ
R
RQ = 250 ohms
ZQ
R
CLKIN2/CLKIN2


Similar Part No. - CY7C1563XV18-600BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1563XV18-633BZXC CYPRESS-CY7C1563XV18-633BZXC Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Similar Description - CY7C1563XV18-600BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1563XV18 CYPRESS-CY7C1563XV18 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1562XV18 CYPRESS-CY7C1562XV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2563XV18 CYPRESS-CY7C2563XV18 Datasheet
614Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18 Datasheet
760Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263XV18 CYPRESS-CY7C1263XV18 Datasheet
1Mb / 30P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1161KV18 CYPRESS-CY7C1161KV18 Datasheet
881Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263KV18 CYPRESS-CY7C1263KV18_12 Datasheet
887Kb / 30P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1663KV18 CYPRESS-CY7C1663KV18 Datasheet
779Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1543KV18 CYPRESS-CY7C1543KV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com