Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C2563XV18 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C2563XV18
Description  72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C2563XV18 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C2563XV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C2563XV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C2563XV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C2563XV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C2563XV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C2563XV18 Datasheet HTML 10Page - Cypress Semiconductor CY7C2563XV18 Datasheet HTML 11Page - Cypress Semiconductor CY7C2563XV18 Datasheet HTML 12Page - Cypress Semiconductor CY7C2563XV18 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
CY7C2563XV18, CY7C2565XV18
Document Number: 001-68997 Rev. *B
Page 9 of 29
Truth Table
The truth table for CY7C2563XV18, and CY7C2565XV18 follows. [3, 4, 5, 6, 7, 8, 9, 10]
Operation
K
RPS WPS
DQ
DQ
DQ
DQ
Write Cycle:
Load address on the rising
edge of K; input write data
on two consecutive K and
K rising edges.
L–H
H [9] L [10] D(A) at K(t + 1)
 D(A + 1) at K(t + 1) D(A + 2) at K(t + 2) D(A + 3) at K(t + 2)
Read Cycle:
(2.5 cycle Latency)
Load address on the rising
edge of K; wait two and
half cycles; read data on
two consecutive K and K
rising edges.
L–H
L [10]
X
Q(A) at K(t + 2)
 Q(A + 1) at K(t + 3) Q(A + 2) at K(t + 3) Q(A + 3) at K(t + 4)
NOP: No Operation
L–H
H
H
D = X
Q = High Z
D = X
Q = High Z
D = X
Q = High Z
D = X
Q = High Z
Standby: Clock Stopped
Stopped
X
X
Previous State
Previous State
Previous State
Previous State
Write Cycle Descriptions
The write cycle description table for CY7C2563XV18 follows. [3, 11]
BWS0 BWS1
K
K
Comments
L
L
L–H
During the data portion of a write sequence:
CY7C2563XV18
both bytes (D
[17:0]) are written into the device.
L
L
L–H
During the data portion of a write sequence:
CY7C2563XV18
both bytes (D
[17:0]) are written into the device.
L
H
L–H
During the data portion of a write sequence:
CY7C2563XV18
only the lower byte (D
[8:0]) is written into the device, D[17:9] remains unaltered.
L
H
L–H
During the data portion of a write sequence:
CY7C2563XV18
only the lower byte (D
[8:0]) is written into the device, D[17:9] remains unaltered.
H
L
L–H
During the data portion of a write sequence:
CY7C2563XV18
only the upper byte (D
[17:9]) is written into the device, D[8:0] remains unaltered.
H
L
L–H
During the data portion of a write sequence:
CY7C2563XV18
only the upper byte (D
[17:9]) is written into the device, D[8:0] remains unaltered.
H
H
L–H
No data is written into the devices during this portion of a write operation.
H
H
L–H
No data is written into the devices during this portion of a write operation.
Notes
3. X = “Don't Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
4. Device powers up deselected with the outputs in a tri-state condition.
5. “A” represents address location latched by the devices when transaction was initiated. A + 1, A + 2, and A + 3 represents the address sequence in the burst.
6. “t” represents the cycle at which a read/write operation is started. t + 1, t + 2, and t + 3 are the first, second and third clock cycles respectively succeeding the “t” clock cycle.
7. Data inputs are registered at K and K rising edges. Data outputs are delivered on K and K rising edges as well.
8. Ensure that when clock is stopped K = K and C = C = HIGH. This is not essential, but permits most rapid restart by overcoming transmission line charging symmetrically.
9. If this signal was LOW to initiate the previous cycle, this signal becomes a “Don’t Care” for this operation.
10. This signal was HIGH on previous K clock rise. Initiating consecutive read or write operations on consecutive K clock rises is not permitted. The device ignores the
second read or write request.
11. Is based on a write cycle that was initiated in accordance with the Truth Table on page 9. BWS0, BWS1, BWS2, and BWS3 can be altered on different portions of a
write cycle, as long as the setup and hold requirements are achieved.


Similar Part No. - CY7C2563XV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C25632KV18 CYPRESS-CY7C25632KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18 CYPRESS-CY7C25632KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18-400BZC CYPRESS-CY7C25632KV18-400BZC Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18-400BZC CYPRESS-CY7C25632KV18-400BZC Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18-400BZXI CYPRESS-CY7C25632KV18-400BZXI Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results

Similar Description - CY7C2563XV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1563XV18 CYPRESS-CY7C1563XV18_12 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C25632KV18 CYPRESS-CY7C25632KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2562XV18 CYPRESS-CY7C2562XV18 Datasheet
406Kb / 27P
   72-Mbit QDR짰 II Xtreme SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25632KV18 CYPRESS-CY7C25632KV18_13 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2263XV18 CYPRESS-CY7C2263XV18 Datasheet
1Mb / 29P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1562XV18 CYPRESS-CY7C1562XV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18 Datasheet
760Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263XV18 CYPRESS-CY7C1263XV18 Datasheet
1Mb / 30P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com