Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1650KV18-450BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1650KV18-450BZC
Description  144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1650KV18-450BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1650KV18-450BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1650KV18-450BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1650KV18-450BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1650KV18-450BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1650KV18-450BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1650KV18-450BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1650KV18-450BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1650KV18-450BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1650KV18-450BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
CY7C1648KV18
CY7C1650KV18
144-Mbit DDR II+ SRAM Two-Word
Burst Architecture (2.0 Cycle Read Latency)
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-44061 Rev. *H
Revised August 8, 2012
144-Mbit DDR II+ SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
Features
144-Mbit density (8 M × 18, 4 M × 36)
450-MHz clock for high bandwidth
Two-word burst for reducing address bus frequency
Double data rate (DDR) interfaces (data transferred at
900 MHz) at 450 MHz
Available in 2.0-clock cycle latency
Two input clocks (K and K) for precise DDR timing
SRAM uses rising edges only
Echo clocks (CQ and CQ) simplify data capture in high-speed
systems
Data valid pin (QVLD) to indicate valid data on the output
Synchronous internally self-timed writes
DDR II+ operates with 2.0-cycle read latency when DOFF is
asserted high
Operates similar to DDR I device with one cycle read latency
when DOFF is asserted low
Core VDD = 1.8 V ± 0.1 V; I/O VDDQ = 1.4 V to VDD
[1]
Supports both 1.5 V and 1.8 V I/O supply
High-speed transceiver logic (HSTL) inputs and variable drive
HSTL output buffers
Available in 165-ball fine-pitch ball grid array (FBGA) package
(15 × 17 × 1.4 mm)
Offered in both Pb-free and non Pb-free packages
JTAG 1149.1 compatible test access port
Phase locked loop (PLL) for accurate data placement
Configurations
With Read Cycle Latency of 2.0 cycles:
CY7C1648KV18 – 8 M × 18
CY7C1650KV18 – 4 M × 36
Functional Description
The
CY7C1648KV18,
and
CY7C1650KV18
are
1.8-V
synchronous pipelined SRAMs equipped with DDR II+ archi-
tecture. The DDR II+ consists of an SRAM core with advanced
synchronous peripheral circuitry. Addresses for read and write
are latched on alternate rising edges of the input (K) clock. Write
data is registered on the rising edges of both K and K. Read data
is driven on the rising edges of K and K. Each address location
is associated with two18-bit words (CY7C1648KV18), or 36-bit
words (CY7C1650KV18) that burst sequentially into or out of the
device.
Asynchronous inputs include an output impedance matching
input (ZQ). Synchronous data outputs (Q, sharing the same
physical pins as the data inputs D) are tightly matched to the two
output echo clocks CQ/CQ, eliminating the need for separately
capturing data from each individual DDR SRAM in the system
design.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the K or K input clocks. Writes are
conducted with on-chip synchronous self-timed write circuitry.
Selection Guide
Description
450 MHz
400 MHz
Unit
Maximum operating frequency
450
400
MHz
Maximum operating current
× 18 Not Offered
730
mA
× 36
980
900
Note
1. The Cypress QDR II+ devices surpass the QDR consortium specification and can support VDDQ = 1.4 V to VDD.


Similar Part No. - CY7C1650KV18-450BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1650KV18-450BZC CYPRESS-CY7C1650KV18-450BZC Datasheet
783Kb / 29P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
More results

Similar Description - CY7C1650KV18-450BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1648KV18 CYPRESS-CY7C1648KV18 Datasheet
783Kb / 29P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2670KV18 CYPRESS-CY7C2670KV18 Datasheet
824Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
R1QHA4436RBG RENESAS-R1QHA4436RBG_15 Datasheet
916Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C2644KV18 CYPRESS-CY7C2644KV18 Datasheet
840Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1643KV18 CYPRESS-CY7C1643KV18 Datasheet
861Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2642KV18 CYPRESS-CY7C2642KV18 Datasheet
885Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1166KV18 CYPRESS-CY7C1166KV18 Datasheet
874Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com