Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C09089V Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C09089V
Description  3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09089V Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C09089V_12 Datasheet HTML 5Page - Cypress Semiconductor CY7C09089V_12 Datasheet HTML 6Page - Cypress Semiconductor CY7C09089V_12 Datasheet HTML 7Page - Cypress Semiconductor CY7C09089V_12 Datasheet HTML 8Page - Cypress Semiconductor CY7C09089V_12 Datasheet HTML 9Page - Cypress Semiconductor CY7C09089V_12 Datasheet HTML 10Page - Cypress Semiconductor CY7C09089V_12 Datasheet HTML 11Page - Cypress Semiconductor CY7C09089V_12 Datasheet HTML 12Page - Cypress Semiconductor CY7C09089V_12 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
CY7C09089V/99V
CY7C09179V/99V
Document #: 38-06043 Rev. *F
Page 9 of 28
Capacitance
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25 °C, f = 1 MHz, VCC = 3.3 V
10
pF
COUT
Output Capacitance
10
pF
Figure 3. AC Test Loads
(a) Normal Load (Load 1)
R1 = 590
3.3 V
OUTPUT
R2 = 435
C= 30 pF
VTH = 1.4 V
OUTPUT
C= 30 pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay(Load 2)
R1 = 590
R2 = 435
3.3 V
OUTPUT
C= 5pF
RTH = 250 
(Used for tCKLZ, tOLZ, & tOHZ
including scope and jig)
Figure 4. AC Test Loads (Applicable to -6 and -7 only)[15]
VTH = 1.4 V
OUTPUT
C
(a) Load 1 (-6 and -7 only)
R = 50
Z0 = 50 
3.0 V
GND
90%
90%
10%
3ns
3 ns
10%
ALL INPUT PULSES
Note
15. Test Conditions: C = 10 pF.
[+] Feedback


Similar Part No. - CY7C09089V_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09089V-12AC CYPRESS-CY7C09089V-12AC Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089V-12AC CYPRESS-CY7C09089V-12AC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089V-12AXC CYPRESS-CY7C09089V-12AXC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089V-12AXI CYPRESS-CY7C09089V-12AXI Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09089V_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_11 Datasheet
434Kb / 19P
   3.3-V 8 K 횞 9 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C0831AV CYPRESS-CY7C0831AV_12 Datasheet
526Kb / 31P
   FLEx18??3.3 V 128 K / 256 K / 512 K 횞 18 Synchronous Dual-Port RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com