Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20246A-24LKXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C20246A-24LKXI
Description  1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20246A-24LKXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C20246A-24LKXI Datasheet HTML 1Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 2Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 3Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 4Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 5Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20246A-24LKXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
CY8C20X36A/46A/66A/96A/46AS/66AS
Document Number: 001-54459 Rev. *O
Page 4 of 47
PSoC® Functional Overview
The PSoC family consists of on-chip controller devices, which
are designed to replace multiple traditional microcontroller unit
(MCU)-based components with one, low cost single-chip
programmable
component.
A
PSoC
device
includes
configurable analog and digital blocks, and programmable
interconnect. This architecture allows the user to create
customized peripheral configurations, to match the requirements
of each individual application. Additionally, a fast CPU, Flash
program memory, SRAM data memory, and configurable I/O are
included in a range of convenient pinouts.
The architecture for this device family, as shown in the Logic
Block Diagram on page 2, consists of three main areas:
The Core
CapSense Analog System
System Resources (including a full-speed USB port).
A common, versatile bus allows connection between I/O and the
analog system.
Each CY8C20X36A/46A/66A/96A/46AS/66AS PSoC device
includes a dedicated CapSense block that provides sensing and
scanning control circuitry for capacitive sensing applications.
Depending on the PSoC package, up to 36 GPIO are also
included. The GPIO provides access to the MCU and analog
mux.
PSoC Core
The PSoC Core is a powerful engine that supports a rich
instruction set. It encompasses SRAM for data storage, an
interrupt controller, sleep and watchdog timers, and IMO and
ILO. The CPU core, called the M8C, is a powerful processor with
speeds up to 24 MHz. The M8C is a 4-MIPS, 8-bit
Harvard-architecture microprocessor.
CapSense System
The analog system contains the capacitive sensing hardware.
Several hardware algorithms are supported. This hardware
performs capacitive sensing and scanning without requiring
external components. The analog system is composed of the
CapSense PSoC block and an internal 1 V or 1.2 V analog
reference, which together support capacitive sensing of up to
33 inputs [3]. Capacitive sensing is configurable on each GPIO
pin. Scanning of enabled CapSense pins are completed quickly
and easily across multiple ports.
SmartSense
SmartSense is an innovative solution from Cypress that removes
manual tuning of CapSense applications. This solution is easy to
use and provides a robust noise immunity. It is the only
auto-tuning solution that establishes, monitors, and maintains all
required tuning parameters. SmartSense allows engineers to go
from prototyping to mass production without re-tuning for
manufacturing variations in PCB and/or overlay material
properties.
SmartSense_EMC
In addition to the SmartSense auto tuning algorithm to remove
manual tuning of CapSense applications, SmartSense_EMC
user module incorporates a unique algorithm to improve
robustness of capacitive sensing algorithm/circuit against high
frequency conducted and radiated noise. Every electronic device
must comply with specific limits for radiated and conducted
external noise and these limits are specified by regulatory bodies
(for example, FCC, CE, U/L and so on). A very good PCB layout
design, power supply design and system design is a mandatory
for a product to pass the conducted and radiated noise tests. An
ideal PCB layout, power supply design or system design is not
often possible because of cost and form factor limitations of the
product. SmartSense_EMC with superior noise immunity is well
suited and handy for such applications to pass radiated and
conducted noise test.
Figure 1. CapSense System Block Diagram
IDAC
Reference
Buffer
Vr
Cinternal
Cap Sense Counters
Comparator
Mux
Mux
Refs
CapSense
Clock Select
Oscillator
CSCLK
IMO
CS1
CS2
CSN
Cexternal (P0[1]
or P0[3])
Note
3. 36 GPIOs = 33 pins for capacitive sensing + 2 pins for I2C + 1 pin for modulator capacitor.


Similar Part No. - CY8C20246A-24LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20246A-24LKXI CYPRESS-CY8C20246A-24LKXI Datasheet
922Kb / 38P
   CapSense Applications
CY8C20246A-24LKXI CYPRESS-CY8C20246A-24LKXI Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20246A-24LKXI CYPRESS-CY8C20246A-24LKXI Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8C20246A-24LKXIT CYPRESS-CY8C20246A-24LKXIT Datasheet
922Kb / 38P
   CapSense Applications
CY8C20246A-24LKXIT CYPRESS-CY8C20246A-24LKXIT Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
More results

Similar Description - CY8C20246A-24LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X37 CYPRESS-CY8C20X37 Datasheet
719Kb / 39P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning ??31 Buttons, 6 Sliders
CY8C20XX6A CYPRESS-CY8C20XX6A_13 Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8C20XX7 CYPRESS-CY8C20XX7 Datasheet
689Kb / 43P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning 31 Buttons, 6 Sliders, Proximity Sensors
CY8CMBR3002 CYPRESS-CY8CMBR3002 Datasheet
1Mb / 42P
   CapSense짰 Express??Controllers with SmartSense??Auto-tuning 16 Buttons, 2 Sliders, Proximity Sensors
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
CY8CMBR2044 CYPRESS-CY8CMBR2044_12 Datasheet
1,013Kb / 29P
   Four Button CapSense짰 Controller
logo
Analog Devices
AD8553ARMZ-R2 AD-AD8553ARMZ-R2 Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8563 AD-AD8563 Datasheet
179Kb / 15P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. PrA
logo
Cypress Semiconductor
CY8CMBR2010 CYPRESS-CY8CMBR2010 Datasheet
1Mb / 33P
   CapSense짰 Express??10-Button Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com