Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C3244LTI-130 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C3244LTI-130
Description  Programmable System-on-Chip (PSoC짰)
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3244LTI-130 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C3244LTI-130 Datasheet HTML 7Page - Cypress Semiconductor CY8C3244LTI-130 Datasheet HTML 8Page - Cypress Semiconductor CY8C3244LTI-130 Datasheet HTML 9Page - Cypress Semiconductor CY8C3244LTI-130 Datasheet HTML 10Page - Cypress Semiconductor CY8C3244LTI-130 Datasheet HTML 11Page - Cypress Semiconductor CY8C3244LTI-130 Datasheet HTML 12Page - Cypress Semiconductor CY8C3244LTI-130 Datasheet HTML 13Page - Cypress Semiconductor CY8C3244LTI-130 Datasheet HTML 14Page - Cypress Semiconductor CY8C3244LTI-130 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 122 page
background image
PSoC® 3: CY8C32 Family
Data Sheet
Document Number: 001-56955 Rev. *N
Page 11 of 122
USBIO, D+
Provides D+ connection directly to a USB 2.0 bus. May be used
as a digital I/O pin. Pins are Do Not Use (DNU) on devices
without USB.
USBIO, D–
Provides D– connection directly to a USB 2.0 bus. May be used
as a digital I/O pin. Pins are No Connect (NC) on devices without
USB.
VBOOST
Power sense connection to boost pump.
VBAT
Battery supply to boost pump.
VCCA.
Output of the analog core regulator or the input to the
analog core. Requires a 1uF capacitor to VSSA. The regulator
output is not designed to drive external circuits. Note that if you
use the device with an external core regulator (externally
regulated mode), the voltage applied to this pin must not
exceed the allowable range of 1.71 V to 1.89 V. When using
the internal core regulator, (internally regulated mode, the
default), do not tie any power to this pin. For details see Power
System on page 29.
VCCD.
Output of the digital core regulator or the input to the digital
core. The two VCCD pins must be shorted together, with the
trace between them as short as possible, and a 1uF capacitor to
VSSD. The regulator output is not designed to drive external
circuits. Note that if you use the device with an external core
regulator (externally regulated mode), the voltage applied to
this pin must not exceed the allowable range of 1.71 V to
1.89 V. When using the internal core regulator (internally
regulated mode, the default), do not tie any power to this pin. For
details see Power System on page 29.
VDDA
Supply for all analog peripherals and analog core regulator.
VDDA must be the highest voltage present on the device. All
other supply pins must be less than or equal to VDDA.
VDDD
Supply for all digital peripherals and digital core regulator. VDDA
must be less than or equal to VDDA.
VSSA
Ground for all analog peripherals.
VSSB
Ground connection for boost pump.
VSSD
Ground for all digital logic and I/O pins.
VDDIO0, VDDIO1, VDDIO2, VDDIO3
Supply for I/O pins. See pinouts for specific I/O pin to VDDIO
mapping. Each VDDIO must be tied to a valid operating voltage
(1.71 V to 5.5 V), and must be less than or equal to VDDA.
XRES (and configurable XRES)
External reset pin. Active low with internal pull-up. Pin P1[2] may
be configured to be a XRES pin; see “Nonvolatile Latches
(NVLs)” on page 23.
4. CPU
4.1 8051 CPU
The CY8C32 devices use a single cycle 8051 CPU, which is fully
compatible with the original MCS-51 instruction set. The
CY8C32 family uses a pipelined RISC architecture, which
executes most instructions in 1 to 2 cycles to provide peak
performance of up to 24 MIPS with an average of 2 cycles per
instruction. The single cycle 8051 CPU runs ten times faster than
a standard 8051 processor.
The 8051 CPU subsystem includes these features:
Single cycle 8051 CPU
Up to 64 KB of flash memory, up to 2 KB of EEPROM, and up
to 8 KB of SRAM
512-byte instruction cache between CPU and flash
Programmable nested vector interrupt controller
Direct memory access (DMA) controller
Peripheral HUB (PHUB)
External memory interface (EMIF)
4.2 Addressing Modes
The following addressing modes are supported by the 8051:
Direct Addressing: The operand is specified by a direct 8-bit
address field. Only the internal RAM and the SFRs can be
accessed using this mode.
Indirect Addressing: The instruction specifies the register which
contains the address of the operand. The registers R0 or R1
are used to specify the 8-bit address, while the data pointer
(DPTR) register is used to specify the 16-bit address.
Register Addressing: Certain instructions access one of the
registers (R0 to R7) in the specified register bank. These
instructions are more efficient because there is no need for an
address field.
Register Specific Instructions: Some instructions are specific
to certain registers. For example, some instructions always act
on the accumulator. In this case, there is no need to specify the
operand.
Immediate Constants: Some instructions carry the value of the
constants directly instead of an address.
Indexed Addressing: This type of addressing can be used only
for a read of the program memory. This mode uses the data
pointer as the base and the accumulator value as an offset to
read a program memory.
Bit Addressing: In this mode, the operand is one of 256 bits.


Similar Part No. - CY8C3244LTI-130

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C3244LTI-130 CYPRESS-CY8C3244LTI-130 Datasheet
3Mb / 119P
   Programmable System-on-Chip (PSoC짰)
CY8C3244LTI-130 CYPRESS-CY8C3244LTI-130 Datasheet
3Mb / 120P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C3244LTI-130 CYPRESS-CY8C3244LTI-130 Datasheet
3Mb / 121P
   Programmable System-on-Chip (PSoC짰)
CY8C3244LTI-130 CYPRESS-CY8C3244LTI-130 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C3244LTI-130

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com