Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20224 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C20224
Description  CapSense짰 PSoC짰 Programmable System-on-Chip?
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20224 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C20224_12 Datasheet HTML 4Page - Cypress Semiconductor CY8C20224_12 Datasheet HTML 5Page - Cypress Semiconductor CY8C20224_12 Datasheet HTML 6Page - Cypress Semiconductor CY8C20224_12 Datasheet HTML 7Page - Cypress Semiconductor CY8C20224_12 Datasheet HTML 8Page - Cypress Semiconductor CY8C20224_12 Datasheet HTML 9Page - Cypress Semiconductor CY8C20224_12 Datasheet HTML 10Page - Cypress Semiconductor CY8C20224_12 Datasheet HTML 11Page - Cypress Semiconductor CY8C20224_12 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
CY8C20224, CY8C20324
CY8C20424, CY8C20524
Document Number: 001-41947 Rev. *L
Page 8 of 41
24-pin Part Pinout
Figure 4. CY8C20324 24-pin PSoC Device
QFN
(Top View)
AI, P2[5]
AI, I2C SCL, SPI SS, P1[7]
AI, I2C SDA, SPI MISO, P1[5]
AI, SPI CLK, P1[3]
1
2
3
4
5
6
18
17
16
15
14
13
P0[2], AI
P0[0], AI
P0[4], AI
AI, P2[3]
AI, P2[1]
P1[6], AI
XRES
P2[0], AI
Notes
2. The center pad on the QFN package is connected to ground (VSS) for best mechanical, thermal, and electrical performance. If not connected to ground, it is electrically
floated and not connected to any other signal.
3. These are the ISSP pins, that are not high Z at POR (Power on reset). Refer the PSoC Programmable System-on-Chip Technical Reference Manual for details.
Table 2. 24-pin Part Pinout (QFN [2])
Pin No.
Digital
Analog
Name
Description
1
I/O
I
P2[5]
2
I/O
I
P2[3]
3
I/O
I
P2[1]
4
IOH
I
P1[7]
I2C SCL, SPI SS
5
IOH
I
P1[5]
I2C SDA, SPI MISO
6
IOH
I
P1[3]
SPI CLK
7
IOH
I
P1[1]
CLK[3], I2C SCL, SPI MOSI
8
NC
No connection
9
Power
VSS
Ground connection
10
IOH
I
P1[0]
DATA[3], I2C SDA
11
IOH
I
P1[2]
12
IOH
I
P1[4]
Optional external clock input (EXTCLK)
13
IOH
I
P1[6]
14
Input
XRES
Active high external reset with internal pull-down
15
I/O
I
P2[0]
16
I/O
I
P0[0]
17
I/O
I
P0[2]
18
I/O
I
P0[4]
19
I/O
I
P0[6]
20
Power
VDD
Supply voltage
21
I/O
I
P0[7]
22
I/O
I
P0[5]
23
I/O
I
P0[3]
Integrating input
24
I/O
I
P0[1]
Integrating input
CP
Power
Vss
Center pad is connected to ground
A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive


Similar Part No. - CY8C20224_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20224-12LKXI CYPRESS-CY8C20224-12LKXI Datasheet
1Mb / 34P
   CapSense PSoC Programmable System-on-Chip
CY8C20224-12LKXI CYPRESS-CY8C20224-12LKXI Datasheet
1Mb / 40P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
CY8C20224-12LKXIT CYPRESS-CY8C20224-12LKXIT Datasheet
1Mb / 34P
   CapSense PSoC Programmable System-on-Chip
CY8C20224-12LKXIT CYPRESS-CY8C20224-12LKXIT Datasheet
1Mb / 40P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C20224_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20224 CYPRESS-CY8C20224_11 Datasheet
1Mb / 40P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com