Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C21323-24LFXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C21323-24LFXI
Description  PSoC짰 Programmable System-on-Chip?
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21323-24LFXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C21323-24LFXI Datasheet HTML 1Page - Cypress Semiconductor CY8C21323-24LFXI Datasheet HTML 2Page - Cypress Semiconductor CY8C21323-24LFXI Datasheet HTML 3Page - Cypress Semiconductor CY8C21323-24LFXI Datasheet HTML 4Page - Cypress Semiconductor CY8C21323-24LFXI Datasheet HTML 5Page - Cypress Semiconductor CY8C21323-24LFXI Datasheet HTML 6Page - Cypress Semiconductor CY8C21323-24LFXI Datasheet HTML 7Page - Cypress Semiconductor CY8C21323-24LFXI Datasheet HTML 8Page - Cypress Semiconductor CY8C21323-24LFXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
CY8C21123, CY8C21223, CY8C21323
PSoC® Programmable System-on-Chip™
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-12022 Rev. *U
Revised June 19, 2012
PSoC® Programmable System-on-Chip™
Features
Powerful Harvard-architecture processor:
M8C processor speeds up to 24 MHz
Low power at high speed
Operating voltage: 2.4 V to 5.25 V
Operating voltages down to 1.0 V using on-chip switch mode
pump (SMP)
Industrial temperature range: –40 °C to +85 °C
Advanced peripherals (PSoC
® blocks):
Four analog type “E” PSoC blocks provide:
• Two comparators with digital to analog converter (DAC)
references
• Single or dual 10-Bit 8-to-1 analog to digital converter
(ADC)
Four digital PSoC blocks provide:
• 8- to 32-bit timers and counters, 8- and 16-bit pulse-width
modulators (PWMs)
• CRC and PRS modules
Full duplex UART, SPI master or slave: Connectable to all
general-purpose I/O (GPIO) pins
Complex peripherals by combining blocks
Flexible on-chip memory:
4 KB flash program storage 50,000 erase/write cycles
256 bytes SRAM data storage
In-system serial programming (ISSP)
Partial flash updates
Flexible protection modes
EEPROM emulation in flash
Complete development tools:
Free development software (PSoC Designer
)
Full-featured, in-circuit emulator (ICE) and programmer
Full-speed emulation
Complex breakpoint structure
128-KB trace memory
Precision, programmable clocking:
Internal ±2.5% 24- / 48-MHz main oscillator
Internal low-speed, low-power oscillator for watchdog and
sleep functionality
Programmable pin configurations:
25-mA sink, 10-mA source on all GPIOs
Pull-up, pull-down, high Z, strong, or open-drain drive modes
on all GPIOs
Up to eight analog inputs on all GPIOs
Configurable interrupt on all GPIOs
Additional system resources:
I
2C master, slave and multi-master to 400 kHz
Watchdog and sleep timers
User-configurable low-voltage detection (LVD)
Integrated supervisory circuit
On-chip precision voltage reference
Logic Block Diagram
DIGITAL SYSTEM
SRAM
SystemBus
Interrupt
Controller
Sleep and
Watchdog
Clock Sources
(Includes IMO and ILO)
Global Digital Interconnect
Global Analog Interconnect
PSoC
CORE
CPU Core
(M8C)
SROM
Flash
I2C
Internal
Voltage
Ref.
Digital
Clocks
POR and LVD
System Resets
SYSTEM RESOURCES
ANALOG SYSTEM
Analog
Ref.
Port 1
Port 0
Digital
PSoC Block
Array
Analog
PSoC Block
Array
Sw itch
Mode
Pump


Similar Part No. - CY8C21323-24LFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21323-24LFXI CYPRESS-CY8C21323-24LFXI Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C21323-24LFXI CYPRESS-CY8C21323-24LFXI Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C21323-24LFXIT CYPRESS-CY8C21323-24LFXIT Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C21323-24LFXIT CYPRESS-CY8C21323-24LFXIT Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
More results

Similar Description - CY8C21323-24LFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com