Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CPLC20-28PVXIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8CPLC20-28PVXIT
Description  Powerline Communication Solution
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CPLC20-28PVXIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8CPLC20-28PVXIT Datasheet HTML 7Page - Cypress Semiconductor CY8CPLC20-28PVXIT Datasheet HTML 8Page - Cypress Semiconductor CY8CPLC20-28PVXIT Datasheet HTML 9Page - Cypress Semiconductor CY8CPLC20-28PVXIT Datasheet HTML 10Page - Cypress Semiconductor CY8CPLC20-28PVXIT Datasheet HTML 11Page - Cypress Semiconductor CY8CPLC20-28PVXIT Datasheet HTML 12Page - Cypress Semiconductor CY8CPLC20-28PVXIT Datasheet HTML 13Page - Cypress Semiconductor CY8CPLC20-28PVXIT Datasheet HTML 14Page - Cypress Semiconductor CY8CPLC20-28PVXIT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
CY8CPLC20
Document Number: 001-48325 Rev. *K
Page 11 of 56
3.2 Additional System Resources
Figure 3-5. CY8CPLC20: Additional System Resources
System resources, some of which have been previously listed,
provide additional capability useful to complete systems.
Resources include a multiplier, decimator, low-voltage detection,
and power on reset. The following statements describe the
merits of each system resource.
Digital clock dividers provide three customizable clock
frequencies for use in applications. The clocks can be routed
to both the digital and analog systems. Additional clocks are
generated using digital PSoC blocks as clock dividers.
Multiply accumulate (MAC) provides a fast 8-bit multiplier with
32-bit accumulate, to assist in general math and digital filters.
The decimator provides a custom hardware filter for digital
signal processing applications including the creation of Delta
Sigma ADCs.
The I
2C module provides 100 and 400 kHz communication over
two wires. Slave, master, and multi-master modes are
supported.
Low-voltage detection (LVD) interrupts signal the application of
falling voltage levels, while the advanced Power On Reset
(POR) circuit eliminates the need for a system supervisor.
An internal 1.3V reference provides an absolute reference for
the analog system, including ADCs and DACs.
4. Getting Started
The quickest way to understand Cypress’s Powerline Communi-
cation offering is to read this data sheet and then use the PSoC
Designer integrated development environment (IDE). The latest
version of PSoC Designer can be downloaded from
http://www.cypress.com. This data sheet is an overview of the
CY8CPLC20 integrated circuit and presents specific pin,
register, and electrical specifications.
For in depth information, along with detailed programming
details, see the PLC Technical Reference Manual.
For up-to-date ordering, packaging, and electrical specification
information, see the latest PLC device data sheets on the web at
http://www.cypress.com.
Application Notes
Cypress application notes are an excellent introduction to the
wide variety of possible PSoC designs.
Development Kits
PSoC Development Kits are available online from and through a
growing number of regional and global distributors, which
include Arrow, Avnet, Digi-Key, Farnell, Future Electronics, and
Newark.
Training
Free PSoC technical training (on demand, webinars, and
workshops), which is available online via www.cypress.com,
covers a wide variety of topics and skill levels to assist you in
your designs.
CYPros Consultants
Certified PSoC consultants offer everything from technical assis-
tance to completed PSoC designs. To contact or become a PSoC
consultant go to the CYPros Consultants web site.
Solutions Library
Visit our growing library of solution-focused designs. Here you
can find various application designs that include firmware and
hardware design files that enable you to complete your designs
quickly.
Technical Support
Technical support – including a searchable Knowledge Base
articles and technical forums – is also available online. If you
cannot find an answer to your question, call our Technical
Support hotline at 1-800-541-4736.
Powerline Network
Protocol
Physical Layer FSK
Modem
Powerline Communication Solution
Powerline Transceiver Packet
Programmable
System Resources
Digital and Analog
Peripherals
PSoC Core
Additional System
Resources
MAC, Decimator, I2C,
SPI, UART etc.
PLC Core
Embedded Application


Similar Part No. - CY8CPLC20-28PVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CPLC20-28PVXIT CYPRESS-CY8CPLC20-28PVXIT Datasheet
1Mb / 44P
   Powerline Communication Solution
CY8CPLC20-28PVXIT CYPRESS-CY8CPLC20-28PVXIT Datasheet
867Kb / 56P
   Powerline Communication Solution Frequency shift keying modulation
More results

Similar Description - CY8CPLC20-28PVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CPLC10 CYPRESS-CY8CPLC10 Datasheet
1Mb / 25P
   Powerline Communication Solution
CY8CPLC20 CYPRESS-CY8CPLC20 Datasheet
1Mb / 44P
   Powerline Communication Solution
CY8CPLC10 CYPRESS-CY8CPLC10_11 Datasheet
986Kb / 34P
   Powerline Communication Solution
CY8CLED16P01 CYPRESS-CY8CLED16P01 Datasheet
843Kb / 58P
   Powerline Communication Solution Integrated Powerline Modem PHY
CY8CPLC20 CYPRESS-CY8CPLC20_11 Datasheet
867Kb / 56P
   Powerline Communication Solution Frequency shift keying modulation
logo
Yamar Electronics Ltd.
DCAN500 YAMAR-DCAN500 Datasheet
466Kb / 6P
   CAN over Powerline Communication
DCB500 YAMAR-DCB500 Datasheet
168Kb / 1P
   Transceiver for Powerline Communication
logo
STMicroelectronics
ST2100 STMICROELECTRONICS-ST2100 Datasheet
524Kb / 39P
   Broadband powerline communication SoC optimized
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
   Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
MAX20340 MAXIM-MAX20340_V01 Datasheet
1Mb / 36P
   Bidirectional DC Powerline Communication Management IC
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com