Electronic Components Datasheet Search |
|
CY14B512P-SFXIT Datasheet(PDF) 4 Page - Cypress Semiconductor |
|
CY14B512P-SFXIT Datasheet(HTML) 4 Page - Cypress Semiconductor |
4 / 34 page CY14B512P Document Number: 001-53872 Rev. *H Page 4 of 34 Device Operation CY14B512P is a 512-Kbit nvSRAM memory with integrated RTC and SPI interface. All the reads and writes to nvSRAM happen to the SRAM, which gives nvSRAM the unique capability to handle infinite writes to the memory. The data in SRAM is secured by a STORE sequence that transfers the data in parallel to the nonvolatile QuantumTrap cells. A small capacitor (VCAP) is used to AutoStore the SRAM data in nonvolatile cells when power goes down, providing power-down data security. The QuantumTrap nonvolatile elements built in the reliable SONOS technology make nvSRAM the ideal choice for secure data storage. In CY14B512P, the 512-Kbit memory array is organized as 64 K words × 8 bits. The memory is accessed through a standard SPI interface that enables very high clock speeds up to 40 MHz with zero cycle delay read and write cycles. CY14B512P supports SPI modes 0 and 3 (CPOL, CPHA = 0, 0 and 1, 1) and operates as a SPI slave. The device is enabled using the chip select (CS) pin and accessed through serial input (SI), serial output (SO), and serial clock (SCK) pins. CY14B512P provides the feature for hardware and software write protection through the WP pin and WRDI instruction. CY14B512P also provides mechanisms for block write protection (quarter, half, or full array) using BP0 and BP1 pins in the Status Register. Further, the HOLD pin is used to suspend any serial communication without resetting the serial sequence. CY14B512P uses the standard SPI opcodes for memory access. In addition to the general SPI instructions for read and write, CY14B512P provides four special instructions that allow access to four nvSRAM specific functions: STORE, RECALL, AutoStore Disable (ASDISB), and AutoStore Enable (ASENB). The major benefit of nvSRAM over serial EEPROMs is that all reads and writes to nvSRAM are performed at the speed of SPI bus with zero cycle delay. Therefore, no wait time is required after any of the memory accesses. The STORE and RECALL operations need finite time to complete and all memory accesses are inhibited during this time. While a STORE or RECALL operation is in progress, the busy status of the device is indicated by the Hardware STORE Busy (HSB) pin and also reflected on the RDY bit of the Status Register. SRAM Write All writes to nvSRAM are carried out on the SRAM and do not use up any endurance cycles of the nonvolatile memory. This enables the user to perform infinite write operations. A write cycle is performed through the WRITE instruction. The WRITE instruction is issued through the SI pin of the nvSRAM and consists of the WRITE opcode, two bytes of address, and one byte of data. Write to nvSRAM is done at SPI bus speed with zero cycle delay. CY14B512P allows burst mode writes to be performed through SPI. This enables write operations on consecutive addresses without issuing a new WRITE instruction. When the last address in memory is reached in burst mode, the address rolls over to 0x0000 and the device continues to write. The SPI write cycle sequence is defined in the memory access section of SPI protocol description. SRAM Read A read cycle in CY14B512P is performed at the SPI bus speed and the data is read out with zero cycle delay after the READ instruction is executed. The READ instruction is issued through the serial input (SI) pin of the nvSRAM and consists of the READ opcode and two bytes of address. The data is read out on the serial output (SO) pin. CY14B512P allows burst mode reads to be performed through SPI. This enables reads on consecutive addresses without issuing a new READ instruction. When the last address in memory is reached in burst mode read, the address rolls over to 0x0000 and the device continues to read. The SPI read cycle sequence is defined in the memory access section of SPI protocol description. STORE Operation STORE operation transfers the data from the SRAM to the nonvolatile QuantumTrap cells. The CY14B512P STOREs data to the nonvolatile cells using one of the three STORE operations: AutoStore, activated on device power-down; Software STORE, activated by a STORE instruction; and Hardware STORE, activated by the HSB. During the STORE cycle, an erase of the previous nonvolatile data is first performed, followed by a program of the nonvolatile elements. After a STORE cycle is initiated, read/write to CY14B512P is inhibited until the cycle is completed. The HSB signal or the RDY bit in the Status Register can be monitored by the system to detect if a STORE or Software RECALL cycle is in progress. The busy status of nvSRAM is indicated by HSB being pulled LOW or the RDY bit being set to ‘1’. To avoid unnecessary nonvolatile STOREs, AutoStore and Hardware STORE operations are ignored unless at least one write operation takes place since the most recent STORE or RECALL cycle. However, software initiated STORE cycles are performed regardless of whether a write operation has taken place. AutoStore Operation The AutoStore operation is a unique feature of nvSRAM which automatically stores the SRAM data to QuantumTrap cells during power-down. This STORE makes use of an external capacitor (VCAP) and enables the device to safely STORE the data in the nonvolatile memory when power goes down. During normal operation, the device draws current from VCC to charge the capacitor connected to the VCAP pin. When the voltage on the VCC pin drops below VSWITCH during power-down, the device inhibits all memory accesses to nvSRAM and automatically performs a conditional STORE operation using the charge from the VCAP capacitor. The AutoStore operation is not initiated if no write cycle was performed since the last RECALL. Note If a capacitor is not connected to VCAP pin, AutoStore must be disabled by issuing the AutoStore Disable instruction specified in AutoStore Disable (ASDISB) instruction on page 14. If AutoStore is enabled without a capacitor on VCAP pin, the device attempts an AutoStore operation without sufficient charge to complete the Store. This corrupts the data stored in nvSRAM and Status Register. To resume normal functionality, the WRSR instruction must be issued to update the nonvolatile bits BP0, BP1 and WPEN in the Status Register. |
Similar Part No. - CY14B512P-SFXIT |
|
Similar Description - CY14B512P-SFXIT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |