Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20566A-24PVXIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C20566A-24PVXIT
Description  1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20566A-24PVXIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C20566A-24PVXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C20566A-24PVXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C20566A-24PVXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C20566A-24PVXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C20566A-24PVXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C20566A-24PVXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C20566A-24PVXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C20566A-24PVXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C20566A-24PVXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
CY8C20X36A/46A/66A/96A/46AS/66AS
1.8 V CapSense® Controller with
SmartSense™ Auto-tuning
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-54459 Rev. *O
Revised June 15, 2012
1.8 V CapSense® Controller with SmartSense™ Auto-tuning
Features
Wide operating range: 1.71 V to 5.5 V
Ultra low deep sleep current: 100 nA
Configurable capacitive sensing elements
7 μA per sensor at 500 ms scan rate
Supports SmartSense Auto-tuning
Supports a combination of CapSense buttons, sliders,
touchpads, touchscreens, and proximity sensors
SmartSense_EMC offers superior noise immunity for
applications with challenging conducted and radiated noise
conditions
Powerful Harvard-architecture processor
M8C CPU – Up to 4 MIPS with 24 MHz Internal clock, external
crystal resonator or clock signal
Low power at high speed
Temperature range: –40 °C to +85 °C
Flexible on-chip memory
Three program/data storage size options:
• 8 KB flash/1 KB SRAM
• 16 KB flash/2 KB SRAM
• 32 KB flash/2 KB SRAM
50,000 flash erase/write cycles
Partial flash updates
Flexible protection modes
In-system serial programming (ISSP)
Full-speed USB
12 Mbps USB 2.0 compliant
Precision, programmable clocking
Internal main oscillator (IMO): 6/12/24 MHz ± 5%
Internal low speed oscillator (ILO) at 32 kHz for watchdog
and sleep timers
Precision 32 kHz oscillator for optional external crystal
Programmable pin configurations
Up to 36 general-purpose I/Os (GPIOs) (depending on
package)
Dual mode GPIO: All GPIOs support digital I/O and analog
inputs
25-mA sink current on each GPIO
• 120 mA total sink current on all GPIOs
Pull-up, high Z, open-drain modes on all GPIOs
CMOS drive mode –5 mA source current on ports 0 and 1
and 1 mA on ports 2, 3, and 4
• 20 mA total source current on all GPIOs
Versatile analog system
Low-dropout voltage regulator for all analog resources
Common internal analog bus enabling capacitive sensing on
all pins
High power supply rejection ratio (PSRR) comparator
8 to 10-bit incremental analog-to-digital converter (ADC)
Additional system resources
I2C slave:
• Selectable to 50 kHz, 100 kHz, or 400 kHz
SPI master and slave: Configurable 46.9 kHz to 12 MHz
Three 16-bit timers
Watchdog and sleep timers
Integrated supervisory circuit
Emulated E2PROM using flash memory
Complete development tools
Free development tool (PSoC Designer™)
Full-featured, in-circuit emulator (ICE) and programmer
Full-speed emulation
Complex breakpoint structure
128 KB trace memory
Versatile package options
16-pin 3 × 3 × 0.6 mm QFN
24-pin 4 × 4 × 0.6 mm QFN
32-pin 5 × 5 × 0.6 mm QFN
48-pin SSOP
48-pin 7 × 7 × 1.0 mm QFN
30-ball WLCSP[1]
Note
1. Contact your local sales office for details.


Similar Part No. - CY8C20566A-24PVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20566A-24PVXIT CYPRESS-CY8C20566A-24PVXIT Datasheet
922Kb / 38P
   CapSense Applications
CY8C20566A-24PVXIT CYPRESS-CY8C20566A-24PVXIT Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
More results

Similar Description - CY8C20566A-24PVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X37 CYPRESS-CY8C20X37 Datasheet
719Kb / 39P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning ??31 Buttons, 6 Sliders
CY8C20XX6A CYPRESS-CY8C20XX6A_13 Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8C20XX7 CYPRESS-CY8C20XX7 Datasheet
689Kb / 43P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning 31 Buttons, 6 Sliders, Proximity Sensors
CY8CMBR3002 CYPRESS-CY8CMBR3002 Datasheet
1Mb / 42P
   CapSense짰 Express??Controllers with SmartSense??Auto-tuning 16 Buttons, 2 Sliders, Proximity Sensors
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
CY8CMBR2044 CYPRESS-CY8CMBR2044_12 Datasheet
1,013Kb / 29P
   Four Button CapSense짰 Controller
logo
Analog Devices
AD8553ARMZ-R2 AD-AD8553ARMZ-R2 Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8563 AD-AD8563 Datasheet
179Kb / 15P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. PrA
logo
Cypress Semiconductor
CY8CMBR2010 CYPRESS-CY8CMBR2010 Datasheet
1Mb / 33P
   CapSense짰 Express??10-Button Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com