Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101LA-BA45XI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY14B101LA-BA45XI
Description  1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101LA-BA45XI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY14B101LA-BA45XI Datasheet HTML 4Page - Cypress Semiconductor CY14B101LA-BA45XI Datasheet HTML 5Page - Cypress Semiconductor CY14B101LA-BA45XI Datasheet HTML 6Page - Cypress Semiconductor CY14B101LA-BA45XI Datasheet HTML 7Page - Cypress Semiconductor CY14B101LA-BA45XI Datasheet HTML 8Page - Cypress Semiconductor CY14B101LA-BA45XI Datasheet HTML 9Page - Cypress Semiconductor CY14B101LA-BA45XI Datasheet HTML 10Page - Cypress Semiconductor CY14B101LA-BA45XI Datasheet HTML 11Page - Cypress Semiconductor CY14B101LA-BA45XI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
CY14B101LA
CY14B101NA
Document Number: 001-42879 Rev. *O
Page 8 of 29
Preventing AutoStore
The AutoStore function is disabled by initiating an AutoStore
disable sequence. A sequence of read operations is performed
in a manner similar to the Software STORE initiation. To initiate
the AutoStore disable sequence, the following sequence of CE
or OE controlled read operations must be performed:
1. Read address 0x4E38 Valid READ
2. Read address 0xB1C7 Valid READ
3. Read address 0x83E0 Valid READ
4. Read address 0x7C1F Valid READ
5. Read address 0x703F Valid READ
6. Read address 0x8B45 AutoStore Disable
The AutoStore is reenabled by initiating an AutoStore enable
sequence. A sequence of read operations is performed in a
manner similar to the Software RECALL initiation. To initiate the
AutoStore enable sequence, the following sequence of CE or OE
controlled read operations must be performed:
1. Read address 0x4E38 Valid READ
2. Read address 0xB1C7 Valid READ
3. Read address 0x83E0 Valid READ
4. Read address 0x7C1F Valid READ
5. Read address 0x703F Valid READ
6. Read address 0x4B46 AutoStore Enable
If the AutoStore function is disabled or reenabled, a manual
STORE operation (Hardware or Software) must be issued to
save the AutoStore state through subsequent power-down
cycles. The part comes from the factory with AutoStore enabled
and 0x00 written in all cells.
Data Protection
The CY14B101LA/CY14B101NA protects data from corruption
during low voltage conditions by inhibiting all externally initiated
STORE and write operations. The low voltage condition is
detected
when
VCC
is
less
than
VSWITCH.
If
the
CY14B101LA/CY14B101NA is in a write mode (both CE and WE
are LOW) at power-up, after a RECALL or STORE, the write is
inhibited until the SRAM is enabled after tLZHSB (HSB to output
active). This protects against inadvertent writes during power-up
or brown out conditions.
L
H
L
X
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4B46
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore
Enable
Output data
Output data
Output data
Output data
Output data
Output data
Active[18]
L
H
L
X
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
STORE
Output data
Output data
Output data
Output data
Output data
Output high Z
Active ICC2
[18]
L
H
L
X
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
RECALL
Output data
Output data
Output data
Output data
Output data
Output high Z
Active[18]
Table 1. Mode Selection (continued)
CE
WE
OE
BHE, BLE[15]
A15–A0
[16]
Mode
I/O
Power
Note
18. The six consecutive address locations must be in the order listed. WE must be HIGH during all six cycles to enable a nonvolatile cycle.


Similar Part No. - CY14B101LA-BA45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA-BA45XI CYPRESS-CY14B101LA-BA45XI Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA-BA45XIT CYPRESS-CY14B101LA-BA45XIT Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
More results

Similar Description - CY14B101LA-BA45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_12 Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14C101J CYPRESS-CY14C101J Datasheet
1Mb / 32P
   1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
CY14V101Q3 CYPRESS-CY14V101Q3 Datasheet
1Mb / 24P
   1 Mbit (128 K 횞 8) Serial SPI nvSRAM
CY14C101J CYPRESS-CY14C101J_12 Datasheet
1Mb / 31P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com