Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B512Q1A-SXIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY14B512Q1A-SXIT
Description  512-Kbit (64 K 횞 8) SPI nvSRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B512Q1A-SXIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY14B512Q1A-SXIT Datasheet HTML 1Page - Cypress Semiconductor CY14B512Q1A-SXIT Datasheet HTML 2Page - Cypress Semiconductor CY14B512Q1A-SXIT Datasheet HTML 3Page - Cypress Semiconductor CY14B512Q1A-SXIT Datasheet HTML 4Page - Cypress Semiconductor CY14B512Q1A-SXIT Datasheet HTML 5Page - Cypress Semiconductor CY14B512Q1A-SXIT Datasheet HTML 6Page - Cypress Semiconductor CY14B512Q1A-SXIT Datasheet HTML 7Page - Cypress Semiconductor CY14B512Q1A-SXIT Datasheet HTML 8Page - Cypress Semiconductor CY14B512Q1A-SXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
CY14C512Q
CY14B512Q
CY14E512Q
Document Number: 001-65267 Rev. *D
Page 5 of 32
indicated by HSB being pulled LOW or RDY bit being set to ‘1’.
To avoid unnecessary nonvolatile STOREs, AutoStore and
Hardware STORE operations are ignored unless at least one
write operation has taken place since the most recent STORE or
RECALL cycle. However, software initiated STORE cycles are
performed regardless of whether a write operation has taken
place.
AutoStore Operation
The AutoStore operation is a unique feature of nvSRAM which
automatically stores the SRAM data to QuantumTrap cells
during power-down. This STORE makes use of an external
capacitor (VCAP) and enables the device to safely STORE the
data in the nonvolatile memory when power goes down.
During normal operation, the device draws current from VCC to
charge the capacitor connected to the VCAP pin. When the
voltage on the VCC pin drops below VSWITCH during power-down,
the device inhibits all memory accesses to nvSRAM and
automatically performs a conditional STORE operation using the
charge from the VCAP capacitor. The AutoStore operation is not
initiated if no write cycle has been performed since last RECALL.
Note If a capacitor is not connected to VCAP pin, AutoStore must
be disabled by issuing the AutoStore Disable instruction
(AutoStore Disable (ASDISB) Instruction on page 15). If
AutoStore is enabled without a capacitor on the VCAP pin, the
device attempts an AutoStore operation without sufficient charge
to complete the STORE. This will corrupt the data stored in
nvSRAM, Status Register as well as the serial number and it will
unlock the SNL bit. To resume normal functionality, the WRSR
instruction must be issued to update the nonvolatile bits BP0,
BP1, and WPEN in the Status Register.
Figure 3 shows the proper connection of the storage capacitor
(VCAP) for AutoStore operation. Refer to DC Electrical Charac-
teristics on page 20 for the size of the VCAP.
Note CY14X512Q1A does not support AutoStore operation. You
must perform Software STORE operation by using the SPI
STORE instruction to secure the data.
Figure 3. AutoStore Mode
Software STORE Operation
Software STORE enables the user to trigger a STORE operation
through a special SPI instruction. STORE operation is initiated
by executing STORE instruction irrespective of whether a write
has been performed since the last NV operation.
A STORE cycle takes tSTORE time to complete, during which all
the memory accesses to nvSRAM are inhibited. The RDY bit of
the Status Register or the HSB pin may be polled to find the
Ready or Busy status of the nvSRAM. After the tSTORE cycle time
is completed, the SRAM is activated again for read and write
operations.
Hardware STORE and HSB pin Operation
The HSB pin in CY14X512Q3A is used to control and
acknowledge STORE operations. If no STORE or RECALL is in
progress, this pin can be used to request a Hardware STORE
cycle. When the HSB pin is driven LOW, nvSRAM conditionally
initiates a STORE operation after tDELAY duration. A STORE
cycle starts only if a write to the SRAM has been performed since
the last STORE or RECALL cycle. Reads and Writes to the
memory are inhibited for tSTORE duration or as long as HSB pin
is LOW. The HSB pin also acts as an open drain driver (internal
100 k
 weak pull up resistor) that is internally driven LOW to
indicate a busy condition when the STORE (initiated by any
means) is in progress.
Note After each Hardware and Software STORE operation HSB
is driven HIGH for a short time (tHHHD) with standard output high
current and then remains HIGH by an internal 100 k
 pull up
resistor.
Note For successful last data byte STORE, a hardware STORE
should be initiated at least one clock cycle after the last data bit
D0 is received.
Upon completion of the STORE operation, the nvSRAM memory
access is inhibited for tLZHSB time after HSB pin returns HIGH.
The HSB pin must be left unconnected if not used.
Note CY14X512Q1A/CY14X512Q2A do not have HSB pin. RDY
bit of the SPI Status Register may be probed to determine the
Ready or Busy status of nvSRAM.
RECALL Operation
A RECALL operation transfers the data stored in the nonvolatile
QuantumTrap elements to the SRAM. A RECALL may be
initiated in two ways: Hardware RECALL, initiated on power-up
and Software RECALL, initiated by a SPI RECALL instruction.
Internally, RECALL is a two step procedure. First, the SRAM data
is cleared. Next, the nonvolatile information is transferred into the
SRAM cells. All memory accesses are inhibited while a RECALL
cycle is in progress. The RECALL operation does not alter the
data in the nonvolatile elements.
Hardware RECALL (Power-Up)
During power-up, when VCC crosses VSWITCH, an automatic
RECALL sequence is initiated, which transfers the content of
nonvolatile memory on to the SRAM. The data would previously
have been stored on the nonvolatile memory through a STORE
sequence.
A Power-Up RECALL cycle takes tFA time to complete and the
memory access is disabled during this time. HSB pin is used to
detect the ready status of the device.
0.1 uF
VCC
VCAP
CS
VCAP
VSS
VCC


Similar Part No. - CY14B512Q1A-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
More results

Similar Description - CY14B512Q1A-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
   512-Kbit (64 K x 8) SPI nvSRAM
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14C512PA CYPRESS-CY14C512PA_12 Datasheet
1Mb / 42P
   512-Kbit (64 K 횞 8) SPI nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P Datasheet
1Mb / 36P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P_12 Datasheet
1Mb / 34P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com