Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14MB064Q2A-SXIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14MB064Q2A-SXIT
Description  64-Kbit (8 K 횞 8) SPI nvSRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14MB064Q2A-SXIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14MB064Q2A-SXIT Datasheet HTML 1Page - Cypress Semiconductor CY14MB064Q2A-SXIT Datasheet HTML 2Page - Cypress Semiconductor CY14MB064Q2A-SXIT Datasheet HTML 3Page - Cypress Semiconductor CY14MB064Q2A-SXIT Datasheet HTML 4Page - Cypress Semiconductor CY14MB064Q2A-SXIT Datasheet HTML 5Page - Cypress Semiconductor CY14MB064Q2A-SXIT Datasheet HTML 6Page - Cypress Semiconductor CY14MB064Q2A-SXIT Datasheet HTML 7Page - Cypress Semiconductor CY14MB064Q2A-SXIT Datasheet HTML 8Page - Cypress Semiconductor CY14MB064Q2A-SXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
CY14MB064Q
CY14ME064Q
64-Kbit (8 K × 8) SPI nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-65018 Rev. *D
Revised July 24, 2012
64-Kbit (8 K × 8) SPI nvSRAM
Features
64-Kbit nonvolatile static random access memory (nvSRAM)
internally organized as 8 K × 8
STORE to QuantumTrap nonvolatile elements initiated
automatically on power-down (AutoStore) or by using SPI
instruction (Software STORE) or HSB pin (Hardware
STORE)
RECALL to SRAM initiated on power-up (Power-Up
RECALL) or by SPI instruction (Software RECALL)
Support automatic STORE on power-down with a small
capacitor (except for CY14MX064Q1A)
High reliability
Infinite read, write, and RECALL cycles
1million STORE cycles to QuantumTrap
Data retention: 20 years at 85 C
High speed serial peripheral interface (SPI)
40-MHz clock rate SPI write and read with zero cycle delay
Supports SPI mode 0 (0,0) and mode 3 (1,1)
SPI access to special functions
Nonvolatile STORE/RECALL
8-byte serial number
Manufacturer ID and Product ID
Sleep mode
Write protection
Hardware protection using Write Protect (WP) pin
Software protection using Write Disable instruction
Software block protection for 1/4, 1/2, or entire array
Low power consumption
Average active current of 3 mA at 40 MHz operation
Average standby mode current of 150 A
Sleep mode current of 8 A
Industry standard configurations
Operating voltages:
• CY14MB064Q: VCC = 2.7 V to 3.6 V
• CY14ME064Q: VCC = 4.5 V to 5.5 V
Industrial temperature
8- and 16-pin small outline integrated circuit (SOIC) package
Restriction of hazardous substances (RoHS) compliant
Functional Overview
The Cypress CY14MX064Q combines a 64 Kbit nvSRAM with a
nonvolatile element in each memory cell with serial SPI interface.
The memory is organized as 8 K words of 8 bits each. The
embedded nonvolatile elements incorporate the QuantumTrap
technology, creating the world’s most reliable nonvolatile
memory. The SRAM provides infinite read and write cycles, while
the QuantumTrap cells provide highly reliable nonvolatile
storage of data. Data transfers from SRAM to the nonvolatile
elements (STORE operation) takes place automatically at
power-down (except for CY14MX064Q1A). On power-up, data
is restored to the SRAM from the nonvolatile memory (RECALL
operation). You can also initiate the STORE and RECALL
operations through SPI instruction.
Configuration
Feature
CY14MX064Q1A CY14MX064Q2A CY14MX064Q3A
AutoStore
No
Yes
Yes
Software
STORE
Yes
Yes
Yes
Hardware
STORE
No
No
Yes
Memory
Data &
Address
Control
Manufacturer ID /
Product ID
SPI Control Logic
Write Protection
Instruction decoder
Power Control
Block
RDSN/WRSN/RDID
Serial Number
8 x 8
QuantumTrap
8 K x 8
SRAM
8 K x 8
STORE
SI
CS
SCK
WP
VCC
VCAP
RECALL
READ/WRITE
Status Register
WRSR/RDSR/WREN
STORE/RECALL/ASENB/ASDISB
SO
SLEEP
Logic Block Diagram


Similar Part No. - CY14MB064Q2A-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064Q2A-SXIT CYPRESS-CY14MB064Q2A-SXIT Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
More results

Similar Description - CY14MB064Q2A-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14C512Q CYPRESS-CY14C512Q_12 Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B_13 Datasheet
913Kb / 28P
   64-Kbit (8 K x 8) SPI nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14C064PA CYPRESS-CY14C064PA_12 Datasheet
1Mb / 43P
   64-Kbit (8 K 횞 8) SPI nvSRAM with Real Time Clock
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14C256Q CYPRESS-CY14C256Q_12 Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
   512-Kbit (64 K x 8) SPI nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com