Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY23FS08OXIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY23FS08OXIT
Description  Failsafe??2.5 V/3.3 V Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS08OXIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY23FS08OXIT Datasheet HTML 1Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 2Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 3Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 4Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 5Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 6Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 7Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 8Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY23FS08
Document Number: 38-07518 Rev. *F
Page 5 of 15
Figure 3. Fail#/Safe Timing Formula
Figure 4. FailSafe Timing Diagram: Input Reference Slowly Drifting Out of FailSafe Capture Range
Table 3. Failsafe Timing Table
Parameter
Description
Conditions
Min
Max
Unit
tFSL
Fail#/Safe Assert Delay
Measured at 80% to 20%, Load = 15 pF
See Figure 3
ns
tFSH
Fail#/Safe Deassert Delay
Measured at 80% to 20%, Load = 15 pF
See Figure 3
ns
Reference + 300 ppm
Reference - 300 ppm
Reference
Output + 300 ppm
Output - 300 ppm
Output
Fail#/Safe
t
FSH
Reference Off
t
FSL
Time
[+] Feedback


Similar Part No. - CY23FS08OXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FS08OXIT CYPRESS-CY23FS08OXIT Datasheet
271Kb / 12P
   Failsafe??2.5V/ 3.3V Zero Delay Buffer
CY23FS08OXIT CYPRESS-CY23FS08OXIT Datasheet
456Kb / 15P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
More results

Similar Description - CY23FS08OXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FS08 CYPRESS-CY23FS08_11 Datasheet
456Kb / 15P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY23FS04-3 CYPRESS-CY23FS04-3 Datasheet
458Kb / 13P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308_12 Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com