Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2304NZ Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2304NZ
Description  Four Output PCI-X and General Purpose Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2304NZ Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2304NZ_12 Datasheet HTML 1Page - Cypress Semiconductor CY2304NZ_12 Datasheet HTML 2Page - Cypress Semiconductor CY2304NZ_12 Datasheet HTML 3Page - Cypress Semiconductor CY2304NZ_12 Datasheet HTML 4Page - Cypress Semiconductor CY2304NZ_12 Datasheet HTML 5Page - Cypress Semiconductor CY2304NZ_12 Datasheet HTML 6Page - Cypress Semiconductor CY2304NZ_12 Datasheet HTML 7Page - Cypress Semiconductor CY2304NZ_12 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY2304NZ
Document Number: 38-07099 Rev. *E
Page 4 of 8
Ordering Code Definitions
Ordering Information
Ordering Code
Package Type
Operating Range
Standard
CY2304NZZI-1
8-pin TSSOP
Industrial, –40 °C to 85 °C
CY2304NZZI-1T
8-pin TSSOP – Tape and Reel
Industrial, –40 °C to 85 °C
Pb-free
CY2304NZZXC-1
8-pin TSSOP
Commercial, 0 °C to 70 °C
CY2304NZZXC-1T
8-pin TSSOP – Tape and Reel
Commercial, 0 °C to 70 °C
CY2304NZZXI-1
8-pin TSSOP
Industrial, –40 °C to 85 °C
CY2304NZZXI-1T
8-pin TSSOP – Tape and Reel
Industrial, –40 °C to 85 °C
T = Tape and Reel
X = 1 or 2
Temperature Range: X = C or I
C = Commercial; I = Industrial
X = Pb-free
Package Type:
Z = 8-pin TSSOP
Base Device Part Number
Company ID: CY = Cypress
CY 2304NZ Z X
T
- X
X
[+] Feedback


Similar Part No. - CY2304NZ_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ_11 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_13 Datasheet
377Kb / 8P
   Four Output PCI-X and General Purpose Buffer
More results

Similar Description - CY2304NZ_12

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P2304NZ ALSC-ASM2P2304NZ Datasheet
667Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ Datasheet
71Kb / 5P
   Four Output PCI-X and General Purpose Buffer
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ_13 Datasheet
377Kb / 8P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_05 Datasheet
118Kb / 5P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_11 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
ON Semiconductor
ASM2P2304NZ ONSEMI-ASM2P2304NZ Datasheet
106Kb / 7P
   Four Output PCI-X and General Purpose Buffer
August, 2011 ??Rev. 3
logo
Integrated Circuit Syst...
ICS9DB104 ICST-ICS9DB104 Datasheet
105Kb / 13P
   Four Output Differential Buffer for PCI-Express
logo
Renesas Technology Corp
9DB401C RENESAS-9DB401C Datasheet
321Kb / 18P
   Four Output Differential Buffer for PCI Express
1/27/11
logo
Integrated Device Techn...
ICS9DB401C IDT-ICS9DB401C Datasheet
244Kb / 17P
   Four Output Differential Buffer for PCI Express
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com