Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY3692 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY3692
Description  200 MHz Field Programmable Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3692 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY3692 Datasheet HTML 3Page - Cypress Semiconductor CY3692 Datasheet HTML 4Page - Cypress Semiconductor CY3692 Datasheet HTML 5Page - Cypress Semiconductor CY3692 Datasheet HTML 6Page - Cypress Semiconductor CY3692 Datasheet HTML 7Page - Cypress Semiconductor CY3692 Datasheet HTML 8Page - Cypress Semiconductor CY3692 Datasheet HTML 9Page - Cypress Semiconductor CY3692 Datasheet HTML 10Page - Cypress Semiconductor CY3692 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CY23FP12
Document #: 38-07246 Rev. *G
Page 7 of 15
Absolute Maximum Conditions
Exceeding maximum ratings may shorten the useful life of the device. User guidelines are not tested.
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply voltage
Non-functional
–0.5
7
VDC
VIN
Input voltage REF
Relative to VCC
–0.5
VDD + 0.5
VDC
VIN
Input voltage except REF
Relative to VCC
–0.5
VDD + 0.5
VDC
LUI
Latch-up immunity
Functional
300
mA
TS
Temperature, storage
Non-functional
–65
125
°C
TJ
Junction temperature
125
°C
ØJc
Dissipation, Junction to case
Functional
34
°C/W
ØJa
Dissipation, Junction to ambient
Functional
86
°C/W
ESDh
ESD protection (Human body model)
2000
V
MSL
Moisture sensitivity level
MSL – 1
class
GATES
Total functional gate count
Assembled Die
21375
each
UL–94
Flammability rating
At 1/8 in.
V–0
class
FIT
Failure in time
Manufacturing test
10
ppm
Operating Conditions
Parameter
Description
Test Conditions
Min
Max
Unit
VDDC
Core supply voltage
3.135
3.465
V
VDDA, VDDB
Bank A, Bank B supply voltage
3.135
3.465
V
2.375
2.625
V
TA
Temperature, operating ambient
Commercial temperature
0
70
°C
Industrial temperature
–40
85
tPU
Power-up time for all VDDs to reach
minimum specified voltage (power ramps
must be monotonic)
0.05
500
ms
Notes
3. Applies to both REF Clock and FBK.
4. Parameter is guaranteed by design and characterization. Not 100% tested in production.
DC Electrical Specifications
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VIL
Input LOW voltage[3]
0.3 × VDD
V
VIH
Input HIGH voltage[3]
0.7 × VDD
––
V
IIL
Input LOW current[3]
VIN = 0 V
50
μA
IIH
Input HIGH current[3]
VIN = VDD
––
50
μA
VOL
Output LOW voltage[4] VDDA/VDDB = 3.3 V, IOL = 16 mA (standard drive)
VDDA/VDDB = 3.3 V, IOL = 20 mA (high drive)
VDDA/VDDB = 2.5 V, IOL = 16 mA (high drive)
––
0.5
V
VOH
Output HIGH
voltage[4]
VDDA/VDDB = 3.3 V, IOH = –16 mA (standard drive)
VDDA/VDDB = 3.3 V, IOH = –20 mA (high drive)
VDDA/VDDB = 2.5 V, IOH = –16 mA (high drive)
VDD – 0.5
V
IDDS
Power-down supply
current
REF = 0 MHz
12
50
μA
[+] Feedback


Similar Part No. - CY3692

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3692 CYPRESS-CY3692 Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY3692 CYPRESS-CY3692 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY3692 CYPRESS-CY3692 Datasheet
234Kb / 6P
   PTG Programming Kit
CY3692 CYPRESS-CY3692 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY3692 CYPRESS-CY3692 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
More results

Similar Description - CY3692

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002_11 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_11 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12 Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
Z9960 CYPRESS-Z9960 Datasheet
253Kb / 7P
   2.5V/3.3V, 200 MHz Multi-Output Zero Delay Buffer
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com