Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29352 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY29352
Description  2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29352 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY29352_12 Datasheet HTML 1Page - Cypress Semiconductor CY29352_12 Datasheet HTML 2Page - Cypress Semiconductor CY29352_12 Datasheet HTML 3Page - Cypress Semiconductor CY29352_12 Datasheet HTML 4Page - Cypress Semiconductor CY29352_12 Datasheet HTML 5Page - Cypress Semiconductor CY29352_12 Datasheet HTML 6Page - Cypress Semiconductor CY29352_12 Datasheet HTML 7Page - Cypress Semiconductor CY29352_12 Datasheet HTML 8Page - Cypress Semiconductor CY29352_12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CY29352
Document Number: 38-07476 Rev. *C
Page 5 of 10
AC Parameters
(VDD = 2.5 V ± 5%, TA = –40 °C to +85 °C)
Parameter[6]
Description
Condition
Min
Typ
Max
Unit
fVCO
VCO frequency
200
400
MHz
fin
Input frequency
2 feedback
100
200
MHz
4 feedback
50
100
6 feedback
33.33
66.67
8 feedback
25
50
12 feedback
16.67
33.33
Bypass mode (PLL_EN# = 1)
0
200
frefDC
Input duty cycle
25
75
%
tr , tf
TCLK input rise and fall time
0.7 V to 1.7 V
1.0
ns
fMAX
Maximum output frequency
2 output
100
200
MHz
4 output
50
100
6 output
33.33
66.67
8 output
25
50
12 output
16.67
33.33
DC
Output duty cycle
fMAX < 100 MHz
47
53
%
fMAX > 100 MHz
44
56
tr , tf
Output rise and fall times
0.6 V to 1.8 V
0.1
1.0
ns
t()
Propagation delay (static phase offset) TCLK to FB_IN, same VDD, does not
include jitter
–100
100
ps
tsk(O)
Output to output skew
Skew within bank
125
ps
tsk(B)
Bank to bank skew
Banks at same voltage, same frequency
175
ps
Banks at same voltage, different frequency
225
tPLZ, HZ
Output disable time
8
ns
tPZL, ZH
Output enable time
10
ns
BW
PLL closed loop bandwidth (–3 dB)
2 feedback
2
MHz
4 feedback
1–1.5
6 feedback
0.6
8 feedback
0.75
12 feedback
0.5
tJIT(CC)
Cycle to cycle jitter
Same frequency
100
ps
Multiple frequencies
300
tJIT(PER)
Period jitter
Same frequency
100
ps
Multiple frequencies
150
tJIT()
IO phase jitter
VCO < 300 MHz
150
ps
VCO > 300 MHz
100
tLOCK
Maximum PLL lock time
1
ms
Note
6. AC characteristics apply for parallel output termination of 50
 to VTT. Outputs are at the same supply voltage unless otherwise stated. Parameters are guaranteed
by characterization and are not 100% tested.
[+] Feedback


Similar Part No. - CY29352_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29352 CYPRESS-CY29352_11 Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
More results

Similar Description - CY29352_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29352 CYPRESS-CY29352_11 Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
CY23EP09 CYPRESS-CY23EP09_11 Datasheet
655Kb / 17P
   2.5 V or 3.3 V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
CY23EP05 CYPRESS-CY23EP05_11 Datasheet
626Kb / 15P
   2.5 V or 3.3 V,10-220-MHz, Low Jitter, 5 Output Zero Delay Buffer
CY29352 CYPRESS-CY29352_08 Datasheet
284Kb / 9P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29352 CYPRESS-CY29352_07 Datasheet
247Kb / 9P
   2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
CY29352 CYPRESS-CY29352 Datasheet
100Kb / 8P
   2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08_12 Datasheet
456Kb / 15P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY23FS04-3 CYPRESS-CY23FS04-3 Datasheet
458Kb / 13P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08_11 Datasheet
456Kb / 15P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com