Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29946AXIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY29946AXIT
Description  2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29946AXIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY29946AXIT Datasheet HTML 1Page - Cypress Semiconductor CY29946AXIT Datasheet HTML 2Page - Cypress Semiconductor CY29946AXIT Datasheet HTML 3Page - Cypress Semiconductor CY29946AXIT Datasheet HTML 4Page - Cypress Semiconductor CY29946AXIT Datasheet HTML 5Page - Cypress Semiconductor CY29946AXIT Datasheet HTML 6Page - Cypress Semiconductor CY29946AXIT Datasheet HTML 7Page - Cypress Semiconductor CY29946AXIT Datasheet HTML 8Page - Cypress Semiconductor CY29946AXIT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CY29946
Document #: 38-07286 Rev. *G
Page 5 of 9
Pulse
Generator
Z = 50 ohm
Zo = 50 ohm
VTT
Zo = 50 ohm
VTT
RT = 50 ohm
RT = 50 ohm
CY29946 DUT
Figure 1. LVCMOS_CLK CY29946 Test Reference for VCC = 3.3 V and VCC = 2.5 V
tPD
LVCMOS_CLK
Q
VCC
GND
VCC /2
VCC
GND
VCC /2
Figure 2. LVCMOS Propagation Delay (TPD) Test Reference
VCC
GND
VCC /2
tP
T0
DC = tP / T0 x 100%
Figure 3. Output Duty Cycle (FoutDC)
Figure 4. Output-to-Output Skew tsk(0)
tSK(0)
VCC
GND
VCC /2
VCC
GND
VCC /2
[+] Feedback


Similar Part No. - CY29946AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29946AXIT CYPRESS-CY29946AXIT Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
More results

Similar Description - CY29946AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29946 CYPRESS-CY29946_11 Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
CY29948 CYPRESS-CY29948_12 Datasheet
386Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_11 Datasheet
392Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
CY29948 CYPRESS-CY29948_11 Datasheet
386Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer LVCMOS-/LVTTL-compatible inputs
CY29946 CYPRESS-CY29946 Datasheet
111Kb / 6P
   2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29352 CYPRESS-CY29352_11 Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
CY29352 CYPRESS-CY29352_12 Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
CY7B995 CYPRESS-CY7B995_11 Datasheet
538Kb / 17P
   2.5/3.3 V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
   2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
   3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com