Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYF0036V33L-133BGXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYF0036V33L-133BGXI
Description  18/36/72-Mbit Programmable FIFOs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYF0036V33L-133BGXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYF0036V33L-133BGXI Datasheet HTML 7Page - Cypress Semiconductor CYF0036V33L-133BGXI Datasheet HTML 8Page - Cypress Semiconductor CYF0036V33L-133BGXI Datasheet HTML 9Page - Cypress Semiconductor CYF0036V33L-133BGXI Datasheet HTML 10Page - Cypress Semiconductor CYF0036V33L-133BGXI Datasheet HTML 11Page - Cypress Semiconductor CYF0036V33L-133BGXI Datasheet HTML 12Page - Cypress Semiconductor CYF0036V33L-133BGXI Datasheet HTML 13Page - Cypress Semiconductor CYF0036V33L-133BGXI Datasheet HTML 14Page - Cypress Semiconductor CYF0036V33L-133BGXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
CYF0018V
CYF0036V
CYF0072V
Document Number: 001-53687 Rev. *J
Page 11 of 30
Memory Organization for Different Port Sizes
The 72-Mbit memory has different organization for different port
sizes. Table 5 shows the depth of the FIFO for all port sizes.
Note that for all port sizes, four to eight locations are not available
for writing the data and are used to safeguard against false
synchronization of empty and full flags.
Read/Write Clock Requirements
The
read
and
write
clocks
must
satisfy
the
following
requirements:
Both read (RCLK) and write (WCLK) clocks should be
free-running.
The clock frequency for both clocks should be between the
minimum
and
maximum
range
given
in
Electrical
Characteristics on page 13.
The WCLK to RCLK ratio should be in the range of 0.5 to 2.
For proper FIFO operation, the device must determine which of
the input clocks – RCLK or WCLK – is faster. This is evaluated
by using counters after the MRS cycle. The device uses two
10-bit counters inside (one running on RCLK and other on
WCLK), which count 1,024 cycles of read and write clock after
MRS. The clock of the counter which reaches its terminal count
first is used as master clock inside the FIFO.
When there is change in the relative frequency of RCLK and
WCLK during normal operation of FIFO, user can specify it by
using “Fast CLK bit” in the configuration register (0xA).
“1” - indicates freq (WCLK) > freq (RCLK)
“0” - indicates freq (WCLK) < freq (RCLK)
The result of counter evaluated frequency is available in this
register bit. User can override the counter evaluated frequency
for faster clock by changing this bit.
Whenever there is a change in this bit value, user must wait tPLL
time before issuing the next read or write to FIFO.
Figure 3. Using Two CYFX072V for Width Expansion
FF
FF
EF
EF
WRITE CLOCK (WCLK)
WRITE ENABLE (WEN)
PAE
HF
FF
CYFX072V
CYFX072V
36
72
DATA IN (D)
36
READ CLOCK (RCLK)
READ ENABLE (REN)
OUTPUT ENABLE(OE)
36
DATA OUT (Q)
36
72
PAF
EF
Table 5. Word Size Selection
PORTSZ[2:0]
Word Size
FIFO Depth
Memory Size
000
× 9
8 Meg
72 Mbit
001
× 12
4 Meg
48 Mbit
010
× 16
4 Meg
64 Mbit
011
× 18
4 Meg
72 Mbit
100
× 20
2 Meg
40 Mbit
101
× 24
2 Meg
48 Mbit
110
× 32
2 Meg
64 Mbit
111
× 36
2 Meg
72 Mbit


Similar Part No. - CYF0036V33L-133BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYF0036V33L-133BGXI CYPRESS-CYF0036V33L-133BGXI Datasheet
945Kb / 29P
   18/36/72 Mbit Programmable FIFOs Master reset to clear entire FIFO
CYF0036V33L-133BGXI CYPRESS-CYF0036V33L-133BGXI Datasheet
625Kb / 36P
   18/36/72-Mbit Programmable FIFOs
More results

Similar Description - CYF0036V33L-133BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYF0018V CYPRESS-CYF0018V_13 Datasheet
625Kb / 36P
   18/36/72-Mbit Programmable FIFOs
CYF1018V CYPRESS-CYF1018V_12 Datasheet
655Kb / 29P
   18/36/72-Mbit Programmable 2-Queue FIFOs
CYF2018V CYPRESS-CYF2018V_12 Datasheet
624Kb / 31P
   18/36/72-Mbit Programmable Multi-Queue FIFOs
CYF0018V CYPRESS-CYF0018V Datasheet
945Kb / 29P
   18/36/72 Mbit Programmable FIFOs Master reset to clear entire FIFO
CYF2018V CYPRESS-CYF2018V Datasheet
943Kb / 30P
   18/36/72-Mbit Programmable Multi-Queue FIFOs Independent read and write ports
CYF1018V CYPRESS-CYF1018V Datasheet
921Kb / 28P
   18/36/72-Mbit Programmable 2-Queue FIFOs Independent read and write ports
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com