Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M500LFXIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # M500LFXIT
Description  Two-PLL Programmable Clock Generator for Portable Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

M500LFXIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button M500LFXIT Datasheet HTML 7Page - Cypress Semiconductor M500LFXIT Datasheet HTML 8Page - Cypress Semiconductor M500LFXIT Datasheet HTML 9Page - Cypress Semiconductor M500LFXIT Datasheet HTML 10Page - Cypress Semiconductor M500LFXIT Datasheet HTML 11Page - Cypress Semiconductor M500LFXIT Datasheet HTML 12Page - Cypress Semiconductor M500LFXIT Datasheet HTML 13Page - Cypress Semiconductor M500LFXIT Datasheet HTML 14Page - Cypress Semiconductor M500LFXIT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MoBL® Clock
M200/M500
Document Number: 001-29139 Rev. *C
Page 11 of 17
Notes
3. This parameter is configuration dependent. The specified value is for the drive level setting of [1,1].
4. Parameters are guaranteed by design and characterization. Not 100% tested in production. All parameters specified with fully loaded outputs.
AC Electrical Specifications
The AC Electrical Specifications table for M2xx/M5xx (VDD_CLKX = 1.5 V/1.8 V/2.5 V/3.0 V/3.3 V) family.
Parameter
Description
Conditions
Min
Typ
Max
Unit
FCLK
Clock Output Frequency
All clock outputs
3
50
MHz
FREF
Driven Reference Frequency
EXCLKIN Clock
1
48
MHz
DC
Output Clock Duty Cycle
Duty Cycle as defined in Figure 9 on
page 12
t1/t2, 50% of VDD_CLKX
45
50
55
%
TRF1[4]
Output Clock Rise/Fall Time
Measured from 20% to 80% of
VDD_CLKX, as shown in Figure 10 on
page 12, CLOAD = 15 pF, drive
strength [00]
6.8
10.0
ns
TRF2[4]
Output Clock Rise/Fall Time
Measured from 20% to 80% of
VDD_CLKX, as shown in Figure 10 on
page 12, CLOAD = 15 pF, drive
strength [01]
–3.4
5.0
ns
TRF3[4]
Output Clock Rise/Fall Time
Measured from 20% to 80% of
VDD_CLKX, as shown in Figure 10 on
page 12, CLOAD = 15 pF, drive
strength [10]
–2.0
3.0
ns
TRF4[4]
Output Clock Rise/Fall Time
Measured from 20% to 80% of
VDD_CLKX, as shown in Figure 10 on
page 12, CLOAD = 15 pF, drive
strength [11]
–1.0
1.5
ns
TCCJ[3, 4]
Cycle-to-cycle Jitter
EXCLKIN = CLKx = 48 MHz, CLOAD
= 15 pF, 2 PLLs and 1 output for each
PLL enabled, drive strength = [11]
–150
ps
TLOCK[4]
PLL Lock Time
1
3
ms
[+] Feedback


Similar Part No. - M500LFXIT

ManufacturerPart #DatasheetDescription
logo
NEC
M500 NEC-M500 Datasheet
1Mb / 2P
   SAN Storage Array
logo
Heyco.
M5000 HEYCO-M5000 Datasheet
185Kb / 1P
   Tite Aluminum Liquid Tight Cordgrips
logo
Amphenol Aerospace Oper...
M5000-029-0000 AAO-M5000-029-0000 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
M5000-029-0004 AAO-M5000-029-0004 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
M5000-029-0008 AAO-M5000-029-0008 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
More results

Similar Description - M500LFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY22M1 CYPRESS-CY22M1 Datasheet
500Kb / 12P
   Single Output, Low Power Programmable Clock Generator for Portable Applications
logo
Asahi Kasei Microsystem...
AK8152 AKM-AK8152 Datasheet
505Kb / 21P
   Single PLL Two Output Clock Generator
logo
Maxim Integrated Produc...
MAX9491 MAXIM-MAX9491 Datasheet
303Kb / 11P
   Factory-Programmable, Single PLL Clock Generator
Rev 0; 1/06
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
   Programmable 3-PLL Clock Generator IC
logo
ON Semiconductor
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
   Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
Cypress Semiconductor
CY22393 CYPRESS-CY22393_09 Datasheet
418Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
logo
Silicon Laboratories
SI51210 SILABS-SI51210 Datasheet
150Kb / 12P
   TWO OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com