Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTTCS6.00MT Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ZTTCS6.00MT
Description  ceramic resonator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ZTTCS6.00MT Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ZTTCS6.00MT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCS6.00MT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCS6.00MT Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCS6.00MT Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCS6.00MT Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCS6.00MT Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCS6.00MT Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
http://www.luguang.cn
Email: lge@luguang.cn
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
3
6 PHYSICAL AND ENVIRONMENTAL CHARACTERISTICS
TABLE 2
No
Item
Condition of Test
Performance
Requirements
2.1
Humidity
Keep the resonator at 40 ℃ ±2 ℃
and
90%~95% RH for 96h±4h. Then Release the
resonator into the room Condition for 1h prior
to the Measurement.
It shall fulfill the
specifications in
Table 3.
2.2
High
Temperature
Exposure
Subject the resonator to 85℃±5℃ for 96h,
then release the resonator into the room
conditions for 1h prior to the measurement.
It shall fulfill the
specifications in
Table 3.
2.3
Low
Temperature
Exposure
Subject the resonator to -25℃±5℃ for 96h,
then release the resonator into the room
conditions for 1h prior to the measurement.
It shall fulfill the
specifications in
Table 3.
2.4
Temperature
Cycling
Subject the resonator to -40℃ for 30 min.
followed by a high temperature of 85℃ for
30 min.Cycling shall be repeated 5 times with
a
transfer
time
of
15s.
At
the
room
temperature for 1h prior to the measurement.
It shall fulfill the
specifications in
Table 3.
2.5
Vibration
Subject the resonator to vibration for 2h each
in x、y and z axis With the amplitude of
1.5mm,
the
frequency
shall
be
varied
uniformly between the limits of 10 Hz~55Hz.
It shall fulfill the
specifications in
Table 3.
2.6
Mechanical
Shock
Drop the resonator randomly onto a wooden
floor from the height of 100cm 3 times.
No visible
damage
and
it
shall fulfill the
specifications in
Table 3.
2.7
Resistance to
Soldering
Heat
Passed through the re-flow oven under the
following
condition
and
left
at
room
temperature for 1 hour before measurement.
It shall fulfill the
specifications in
Table 3.
Temperature at the surface of
the substrate
Time
Preheat 150℃±5℃
60s±10s
Peak
240℃±5℃
10s±3s
2.8
Solderability
Dipped in 230℃±5℃ solder bath for 3s±0.5s
with rosin flux (25wt% ethanol solution.)
The
terminals
shall be at least
95% covered by
solder.


Similar Part No. - ZTTCS6.00MT

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTTCS AURIS-ZTTCS Datasheet
143Kb / 1P
   Resonator SMD, 3 Pin
logo
ECM Electronics Limited...
ZTTCS ECM-ZTTCS Datasheet
98Kb / 1P
   Electronics Ceramic Resonator
logo
List of Unclassifed Man...
ZTTCS ETC2-ZTTCS Datasheet
148Kb / 1P
   CERAMIC RESONATOR
ZTTCS ETC2-ZTTCS Datasheet
21Kb / 1P
   8.00MHz to 50.00MHz
logo
PETERMANN-TECHNIK
ZTTCS-MT PETERMANN-ZTTCS-MT Datasheet
1Mb / 5P
   SMD CERAMIC RESONATORS
More results

Similar Description - ZTTCS6.00MT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZTTCR419MG LUGUANG-ZTTCR419MG Datasheet
239Kb / 10P
   ceramic resonator
ZTTCV200MX LUGUANG-ZTTCV200MX Datasheet
431Kb / 8P
   ceramic resonator
ZTA30MG LUGUANG-ZTA30MG Datasheet
135Kb / 4P
   ceramic resonator
CRB455E LUGUANG-CRB455E Datasheet
167Kb / 2P
   Ceramic Resonator
ZTA8.0MT LUGUANG-ZTA8.0MT Datasheet
160Kb / 3P
   Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
   Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
   Ceramic Resonator
MZTTC1 MMD-MZTTC1_12 Datasheet
211Kb / 2P
   Ceramic Resonator
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
   Ceramic Resonator
logo
Shenzhen Luguang Electr...
ZTTCC3.58MG LUGUANG-ZTTCC3.58MG Datasheet
231Kb / 9P
   ceramic resonator
ZTTWS4.00MG LUGUANG-ZTTWS4.00MG Datasheet
205Kb / 7P
   ceramic resonator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com